Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2407APGS Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS320LC2407APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2407APGS Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320LC2407APGS Datasheet HTML 61Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 62Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 63Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 64Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 65Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 66Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 67Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 68Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
generating wait states with the READY signal
When the READY signal is low, the LF2407A waits one CLKOUT cycle and then checks READY again. The
LF2407A does not continue executing until the READY signal is driven high; therefore, if the READY signal is
not used, it should be pulled high.
The READY pin can be used to generate any number of wait states. However, when the LF2407A operates at
full speed, it may not respond fast enough to provide a READY-based wait state for the first cycle. For extended
wait states using external READY logic, the on-chip wait-state generator should be programmed to generate
at least one wait state.
generating wait states with the LF2407A on-chip software wait-state generator
The software wait-state generator can be programmed to generate zero to seven wait states for a given off-chip
memory space (program, data, or I/O), regardless of the state of the READY signal. These zero to seven wait
states are controlled by the wait-state generator register (WSGR) (I/O FFFFh). For more detailed information
on the WSGR and associated bit functions, see the TMS320LF/LC240xA DSP Controllers Reference Guide:
System and Peripherals (literature number SPRU357).
watchdog (WD) timer module
The x240xA devices include a watchdog (WD) timer module. The WD function of this module monitors software
and hardware operation by generating a system reset if it is not periodically serviced by software by having the
correct key written. The WD timer operates independently of the CPU. It does not need any CPU initialization
to function. When a system reset occurs, the WD timer defaults to the fastest WD timer rate available (WDCLK
signal = CLKOUT/512). As soon as reset is released internally, the CPU starts executing code, and the WD timer
begins incrementing. This means that, to avoid a premature reset, WD setup should occur early in the power-up
sequence. See Figure 19 for a block diagram of the WD module. The WD module features include the following:
D WD Timer
−
Seven different WD overflow rates
−
A WD-reset key (WDKEY) register that clears the WD counter when a correct value is written, and
generates a system reset if an incorrect value is written to the register
−
WD check bits that initiate a system reset if an incorrect value is written to the WD control register
(WDCR)
D Automatic activation of the WD timer, once system reset is released
−
Three WD control registers located in control register frame beginning at address 7020h.
NOTE: All registers in this module are 8-bit registers. When a register is accessed, the register data is in the lower byte, the upper byte
is read as zeros. Writing to the upper byte has no effect.
Figure 19 shows the WD block diagram. Table 14 shows the different WD overflow (time-out) selections.
The watchdog can be disabled in software by writing ‘1’ to bit 6 of the WDCR register (WDCR.6) while bit 5 of
the SCSR2 register (SCSR2.5) is 1. If SCSR2.5 is 0, the watchdog will not be disabled. SCSR2.5 is equivalent
to the WDDIS pin of the TMS320F243/241 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com