Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2407APGS Datasheet(PDF) 117 Page - Texas Instruments

Part # TMS320LC2407APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2407APGS Datasheet(HTML) 117 Page - Texas Instruments

Back Button TMS320LC2407APGS Datasheet HTML 113Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 114Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 115Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 116Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 117Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 118Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 119Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 120Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
117
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
ANALOG-TO-DIGITAL CONVERTER (ADC) REGISTERS (CONTINUED)
070ABh
D9
D8
D7
D6
D5
D4
D3
D2
RESULT3
070ABh
D1
D0
0
0
0
0
0
0
RESULT3
070ACh
D9
D8
D7
D6
D5
D4
D3
D2
RESULT4
070ACh
D1
D0
0
0
0
0
0
0
RESULT4
070ADh
D9
D8
D7
D6
D5
D4
D3
D2
RESULT5
070ADh
D1
D0
0
0
0
0
0
0
RESULT5
070AEh
D9
D8
D7
D6
D5
D4
D3
D2
RESULT6
070AEh
D1
D0
0
0
0
0
00
0
RESULT6
070AFh
D9
D8
D7
D6
D5
D4
D3
D2
RESULT7
070AFh
D1
D0
0
0
0
0
0
0
RESULT7
070B0h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT8
070B0h
D1
D0
0
0
0
0
0
0
RESULT8
070B1h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT9
070B1h
D1
D0
0
0
0
0
0
0
RESULT9
070B2h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT10
070B2h
D1
D0
0
0
0
0
0
0
RESULT10
070B3h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT11
070B3h
D1
D0
0
0
0
0
0
0
RESULT11
070B4h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT12
070B4h
D1
D0
0
0
0
0
0
0
RESULT12
070B5h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT13
070B5h
D1
D0
0
0
0
0
0
0
RESULT13
070B6h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT14
070B6h
D1
D0
0
0
0
0
0
0
RESULT14
070B7h
D9
D8
D7
D6
D5
D4
D3
D2
RESULT15
070B7h
D1
D0
0
0
0
0
0
0
RESULT15
070B8h
Reserved
070B9h
to
070FFh
Illegal
CONTROLLER AREA NETWORK (CAN) CONFIGURATION CONTROL REGISTERS
07100h
—
—
—
—
—
—
—
—
MDER
07100h
MD3
MD2
ME5
ME4
ME3
ME2
ME1
ME0
MDER
07101h
TA5
TA4
TA3
TA2
AA5
AA4
AA3
AA2
TCR
07101h
TRS5
TRS4
TRS3
TRS2
TRR5
TRR4
TRR3
TRR2
TCR
07102h
RFP3
RFP2
RFP1
RFP0
RML3
RML2
RML1
RML0
RCR
07102h
RMP3
RMP2
RMP1
RMP0
OPC3
OPC2
OPC1
OPC0
RCR
07103h
—
—
SUSP
CCR
PDR
DBO
WUBA
CDR
MCR
07103h
ABO
STM
—
—
—
—
MBNR1
MBNR0
MCR
07104h
—
—
—
—
—
—
—
—
BCR2
07104h
BRP7
BRP6
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
BCR2
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com