Electronic Components Datasheet Search
  English  ▼

X  

TMS320LC2407APGS Datasheet(PDF) 123 Page - Texas Instruments

Part # TMS320LC2407APGS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC2407APGS Datasheet(HTML) 123 Page - Texas Instruments

Back Button TMS320LC2407APGS Datasheet HTML 119Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 120Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 121Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 122Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 123Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 124Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 125Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 126Page - Texas Instruments TMS320LC2407APGS Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
123
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. LF240xA/LC240xA DSP Peripheral Register Description (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
REG
GENERAL-PURPOSE (GP) TIMER CONFIGURATION CONTROL REGISTERS − EVB
07500h
—
T4STAT
T3STAT
—
T4TOADC
T3TOADC(1)
GPTCONB
07500h
T3TOADC(0)
TCOMPOEB
—
T4PIN
T3PIN
GPTCONB
07501h
D15
D14
D13
D12
D11
D10
D9
D8
T3CNT
07501h
D7
D6
D5
D4
D3
D2
D1
D0
T3CNT
07502h
D15
D14
D13
D12
D11
D10
D9
D8
T3CMPR
07502h
D7
D6
D5
D4
D3
D2
D1
D0
T3CMPR
07503h
D15
D14
D13
D12
D11
D10
D9
D8
T3PR
07503h
D7
D6
D5
D4
D3
D2
D1
D0
T3PR
07504h
FREE
SOFT
—
TMODE1
TMODE0
TPS2
TPS1
TPS0
T3CON
07504h
—
TENABLE
TCLKS1
TCLKS0
TCLD1
TCLD0
TECMPR
—
T3CON
07505h
D15
D14
D13
D12
D11
D10
D9
D8
T4CNT
07505h
D7
D6
D5
D4
D3
D2
D1
D0
T4CNT
07506h
D15
D14
D13
D12
D11
D10
D9
D8
T4CMPR
07506h
D7
D6
D5
D4
D3
D2
D1
D0
T4CMPR
07507h
D15
D14
D13
D12
D11
D10
D9
D8
T4PR
07507h
D7
D6
D5
D4
D3
D2
D1
D0
T4PR
07508h
FREE
SOFT
—
TMODE1
TMODE0
TPS2
TPS1
TPS0
T4CON
07508h
T4SWT3
TENABLE
TCLKS1
TCLKS0
TCLD1
TCLD0
TECMPR
SELT3PR
T4CON
07509h
to
07510h
Reserved
FULL AND SIMPLE COMPARE UNIT REGISTERS− EVB
07511h
CENABLE
CLD1
CLD0
SVENABLE
ACTRLD1
ACTRLD0
FCOMPOEB
PDPINTB
STATUS
COMCONB
07511h
—
—
—
—
—
—
—
—
COMCONB
07512h
Reserved
07513h
SVRDIR
D2
D1
D0
CMP12ACT1
CMP12ACT0
CMP11ACT1
CMP11ACT0
ACTRB
07513h
CMP10ACT1
CMP10ACT0
CMP9ACT1
CMP9ACT0
CMP8ACT1
CMP8ACT0
CMP7ACT1
CMP7ACT0
ACTRB
07514h
Reserved
07514h
Reserved
07515h
—
—
—
—
DBT3
DBT2
DBT1
DBT0
DBTCONB
07515h
EDBT3
EDBT2
EDBT1
DBTPS2
DBTPS1
DBTPS0
—
—
DBTCONB
07516h
Reserved
07517h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR4
07517h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR4
07518h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR5
07518h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR5
07519h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR6
07519h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR6
0751Ah
to
0751Fh
Reserved
Indicates change with respect to the F243/F241 C242 device register maps
Indicates change with respect to the F243/F241, C242 device register maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com