Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 1 Page - Copal Electronics

Part # CHP
Description  PIANO SWITCHES (HALF PITCH)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHP Datasheet(HTML) 1 Page - Copal Electronics

  CHP Datasheet HTML 1Page - Copal Electronics CHP Datasheet HTML 2Page - Copal Electronics CHP Datasheet HTML 3Page - Copal Electronics CHP Datasheet HTML 4Page - Copal Electronics CHP Datasheet HTML 5Page - Copal Electronics CHP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PIANO SWITCHES (HALF PITCH)
CHP
■ FEATURES
O RoHS compliant
O High-reliability
Part name
①
②
③
④
⑤
⑥
⑦
⑧
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Piano lever
Piano cover
Material
Flammability
UL94V-0
–
UL94V-0
Polyphenylenesulphide
Polyamide
Polyphenylenesulphide
Copper alloy, Gold-plated
Polyamide
Polyphenylenesulphide
INTERNAL STRUCTURE
■ PART NUMBER DESIGNATION
※ Please refer to the LIST OF PART NUMBERS when placing orders.
①
⑧
⑦
②
⑤
③
④
⑥
O Communication devices, AV • OA equipment and
computer peripherals
C H P - 0 4 0 T B
Series name
No. of bits
02:2 bits
04:4 bits
08:8 bits
包装形態 Form of packaging
T :Taping (Reel)
Blank:Bulk in plastic bag
A:J-hook
B:Gull wing
Shape of terminal
ON direction
0:Upper
1:Lower
■ APPLICATIONS
RoHS compliant


Similar Part No. - CHP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Vishay Siliconix
CHP VISHAY-CHP Datasheet
178Kb / 9P
High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
19-May-14
logo
TT Electronics.
CHP TTELEC-CHP Datasheet
456Kb / 4P
Cylindrical High Power
logo
Bourns Electronic Solut...
CHP BOURNS-CHP Datasheet
1Mb / 7P
Ultra-High Power Chip Resistors
More results

Similar Description - CHP

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6HR OMRON-A6HR Datasheet
230Kb / 2P
Piano DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
PIANO DIP SWITCHES
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
PIANO DIP SWITCHES
logo
List of Unclassifed Man...
CHP-040TB ETC2-CHP-040TB Datasheet
199Kb / 6P
PIANO SWITCHES(HALF PITCH)
MCEPM-02 ETC2-MCEPM-02 Datasheet
229Kb / 6P
Dual In Line Switches - Piano Type
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
PIANO SWITCHES (FULL PITCH)
CYP COPAL-CYP Datasheet
942Kb / 5P
PIANO SWITCHES (FULL PITCH)
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
SLIDE & PIANO TYPE DIP SWITCHES
logo
E-SWITCH
KAD E-SWITCH-KAD Datasheet
408Kb / 1P
DIP SWITCHES - HALF PITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com