Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 3 Page - Copal Electronics

Part # CHP
Description  PIANO SWITCHES (HALF PITCH)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHP Datasheet(HTML) 3 Page - Copal Electronics

  CHP Datasheet HTML 1Page - Copal Electronics CHP Datasheet HTML 2Page - Copal Electronics CHP Datasheet HTML 3Page - Copal Electronics CHP Datasheet HTML 4Page - Copal Electronics CHP Datasheet HTML 5Page - Copal Electronics CHP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CHP
PIANO SWITCHES (HALF PITCH)
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
O CHP-020A
O CHP-021A
O CHP-020B
4.6
0.8
1.27±0.15
1.65±0.2
0.6
22
Producion date code
Schematic
0.15
+0.1
–0.05
0.4
+0.1
–0.05
4.6
0.8
1.27±0.15
1.65±0.2
0.6
22
Producion date code
Schematic
0.15
+0.1
–0.05
0.4
+0.1
–0.05
4.6
0.8
1.27±0.15
1.65±0.2
22
Producion date code
0.15
0.6
+0.1
–0.05
0.4
+0.1
–0.05
Schematic
4.6
0.8
1.27±0.15
1.65±0.2
22
Producion date code
0.15
0.6
+0.1
–0.05
0.4
+0.1
–0.05
Schematic
O CHP-021B
Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230
℃
Pre Heating Zone
180 C
(
℃)
250
200
150
100
50
150 C
90±30 s
30±10 s
Soldering Zone
Heating time
℃
+5
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com