Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 5 Page - Copal Electronics

Part # CHP
Description  PIANO SWITCHES (HALF PITCH)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHP Datasheet(HTML) 5 Page - Copal Electronics

  CHP Datasheet HTML 1Page - Copal Electronics CHP Datasheet HTML 2Page - Copal Electronics CHP Datasheet HTML 3Page - Copal Electronics CHP Datasheet HTML 4Page - Copal Electronics CHP Datasheet HTML 5Page - Copal Electronics CHP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.27
0.76
1.27 N (N = 1 ~ 3) = 3.81
0.76
1.27 N (N = 1 ~ 7) = 8.89
0.76
1.27
0.76
1.27 N (N = 1 ~ 3) = 3.81
0.76
1.27 N (N = 1 ~ 7) = 8.89
0.76
12.2
0.8
1.27±0.15
1.65±0.2
22
Producion date code
0.15
+0.1
–0.05
0.4
+0.1
–0.05
0.6
Schematic
12.2
0.8
1.27±0.15
1.65±0.2
22
Producion date code
0.15
0.6
+0.1
–0.05
0.4
+0.1
–0.05
Schematic
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
O CHP-080B
O CHP-081B
RECOMMENDED P.C.B. PAD DIMENSIONS
O 2 bits A type
B type
O 4 bits A type
B type
O 8 bits A type
B type
CHP
PIANO SWITCHES (HALF PITCH)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com