Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 6 Page - Copal Electronics

Part # CHP
Description  PIANO SWITCHES (HALF PITCH)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CHP Datasheet(HTML) 6 Page - Copal Electronics

  CHP Datasheet HTML 1Page - Copal Electronics CHP Datasheet HTML 2Page - Copal Electronics CHP Datasheet HTML 3Page - Copal Electronics CHP Datasheet HTML 4Page - Copal Electronics CHP Datasheet HTML 5Page - Copal Electronics CHP Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
O 2 bits
O 4 bits
O 8 bits
CHP
PIANO SWITCHES (HALF PITCH)
■ PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the
diagrams below:
<Taping packaging specifications>
O Taping version is packaged in 500 pcs. per reel. Orders
will be accepted for units of 500 pcs., i.e., 500, 1000,
1500 pcs., etc.
O Taping version is boxed with two reels.
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
21
±0.8
13
±0.2
2
±0.5
254
±2
21.4
±1 (2, 4 bits)
29.4
±1 (8 bits)
17.4
±1 (2, 4 bits)
25.4
±1 (8 bits)
φ
φ
φ
(Unit : mm)
Direction of feed
0.4±0.1
Installation example
5.3
4±0.1
12±0.1
φ1.5+0.1
0
(CHP-021B)
2±0.1
Direction of feed
0.4±0.1
Installation example
5.3
4±0.1
12±0.1
φ1.5+0.1
0
(CHP-081B)
2±0.1
Direction of feed
0.4±0.1
Installation example
5.3
4±0.1
12±0.1
φ1.5+0.1
0
(CHP-041A)
2±0.1
〈Bulk pack specifications〉
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack. Orders will be accepted for unit of minimum
10 pcs., i.e., 10, 20, 30 pcs., etc.
O Boxing of bulk in a plastic bag is performed with 50
pcs. (Standard 100 pcs.) per box.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com