Electronic Components Datasheet Search
  English  ▼

X  

LM1208 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1208
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1208 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM1208 Datasheet HTML 8Page - National Semiconductor (TI) LM1208 Datasheet HTML 9Page - National Semiconductor (TI) LM1208 Datasheet HTML 10Page - National Semiconductor (TI) LM1208 Datasheet HTML 11Page - National Semiconductor (TI) LM1208 Datasheet HTML 12Page - National Semiconductor (TI) LM1208 Datasheet HTML 13Page - National Semiconductor (TI) LM1208 Datasheet HTML 14Page - National Semiconductor (TI) LM1208 Datasheet HTML 15Page - National Semiconductor (TI) LM1208 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Circuit Description (Continued)
temperature compensating for the diode drops of Q5, Q6,
and Q7. This insures that the bias voltage across R9 re-
mains very constant over temperature, providing an accurate
bias current for the differential transistor pair Q8 and Q9,
thus assuring proper operation of the contrast control.
Q6 serves as a buffer to the input video signal. Its emitter
drives the base of Q7. Thus the video signal modulates the
current flowing through R9, which in turn modulates the
currents through the differential pair formed by Q8 and Q9.
The current flow through Q8 and Q9 is controlled by a DC
voltage from the Contrast Control circuit. This DC voltage is
common to all three channels. Increasing the voltage to the
base of Q9 with respect to the base of Q8 increases the
current flow through Q9. A higher current flow through Q9
increases the video gain (contrast) of the LM1208. Q10 and
Q11 also form a differential pair at the collector of Q9. The
operation of this differential pair is similar to Q8 and Q9. The
DC control voltage is from the Drive Control circuits. Each
channel has its own drive control circuit. Increasing the
voltage to the base of Q11 increases the video gain (drive) of
the LM1208. R10 and R11 are of the same value, but R10 is
common to both Q10 and Q11. If all the current is flowing
through Q10, the video attenuation would be over 40 dB, the
maximum attenuation. Q12 through Q17 are part of the final
section shown in
Figure 8. DC restoration is done at this
stage. The clamp comparator (
Figure 11) drives the clamp
cap at pin 8 to a voltage that sets the correct black level of
the video signal. This cap is also connected to the base of
Q17. Q17 and Q16 are one half of the darlington differential
pair. The clamp cap voltage establishes the current flow
through R16, Q15, and R15. With the bases of Q14 and Q15
held to the same voltage the current through Q15 is mirrored
into Q14 and the other half of the differential pair, Q12 and
Q13. By this current mirror the voltage at the collector of Q14
is set to the correct DC value for the video signal by control-
ling the voltage drop across R13, completing the DC
restoration.
DS100083-13
FIGURE 8. Simplified Schematic of LM1208 Video Amplifier Input Stage
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com