Electronic Components Datasheet Search
  English  ▼

X  

LM1208 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1208
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1208 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM1208 Datasheet HTML 12Page - National Semiconductor (TI) LM1208 Datasheet HTML 13Page - National Semiconductor (TI) LM1208 Datasheet HTML 14Page - National Semiconductor (TI) LM1208 Datasheet HTML 15Page - National Semiconductor (TI) LM1208 Datasheet HTML 16Page - National Semiconductor (TI) LM1208 Datasheet HTML 17Page - National Semiconductor (TI) LM1208 Datasheet HTML 18Page - National Semiconductor (TI) LM1208 Datasheet HTML 19Page - National Semiconductor (TI) LM1208 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Circuit Description (Continued)
CLAMP GATE CIRCUIT
Figure 12 is a simplified schematic of the Clamp Gate circuit.
A voltage reference is setup by Z3 and by Q104 and Q105
connected as diodes, generating a 7V base drive to Q94,
Q99 and Q101. Q94 is used to bias the input stage. This
stage is designed to accept TTL levels at pin 14. Q95 and
Q97 form a differential pair. The base of Q97 is set to 2.1V by
Q99 driving the voltage divider formed by R77 and R78. In a
balanced condition the base of Q95 is also at 2.1V. Q96 is
connected as a diode and the current flow thru it is mirrored
into Q98. Also the input to pin 14 would be one diode drop
below 2.1V, or around 1.4V. R74 is added to the input for
current limiting during any possible voltage surge at pin 14.
With no resistors at the emitters of Q96 and Q98 this circuit
will quickly switch. Below 1.4V (1.2V typical) Q95 is turned
on and Q97 is turned off. Above 1.4V (1.6V typical) Q97 is
turned on and Q95 is turned off. With Q97 turned on Q100 is
also turned on. This pulls the current thru R79 to ground,
turning off Q102 and Q103. Remember Q102 is a current
mirror to Q86 in the clamp comparator. With Q102 turned off,
the clamp comparator is also turned off. When the input
signal goes below 1.2V, Q97 and Q100 will be turned off.
This allows Q102 to turn on, turning on the clamp compara-
tors of the three video channels. Q103 is added to help drive
the base of Q86 in the clamp comparator, increasing the
accuracy of the current mirror. Q101 drives R79 and R80.
This sets the current thru Q102, thus setting the current thru
Q86 of the clamp comparator.
DS100083-16
FIGURE 11. Simplified Schematic of LM1208 Clamp Comparator Circuit
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com