Electronic Components Datasheet Search
  English  ▼

X  

LM1208 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1208
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1208 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM1208 Datasheet HTML 13Page - National Semiconductor (TI) LM1208 Datasheet HTML 14Page - National Semiconductor (TI) LM1208 Datasheet HTML 15Page - National Semiconductor (TI) LM1208 Datasheet HTML 16Page - National Semiconductor (TI) LM1208 Datasheet HTML 17Page - National Semiconductor (TI) LM1208 Datasheet HTML 18Page - National Semiconductor (TI) LM1208 Datasheet HTML 19Page - National Semiconductor (TI) LM1208 Datasheet HTML 20Page - National Semiconductor (TI) LM1208 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Circuit Description (Continued)
BLANK GATE CIRCUIT
Figure 13 is a simplified schematic of the Blank Gate circuit.
With the exception of the simple output stage and the spot
killer circuit, this circuit is almost identical to the clamp gate
circuit. The only difference is that the output stage is driven
from the opposite side of the differential pair. Thus Q111 is
connected as a diode instead of Q109. With the input at pin
13 at a low level Q108 is turned on, also turning on Q29, the
output transistor. Q29 is part of the blanking circuit in the
output stage shown in
Figure 14. When Q29 is turned on the
output is clamped to a blanking level that is “blacker than
black”, allowing blanking to be done on the cathodes of the
CRT.
The spot killer circuit is used to force the outputs of the
LM1208 into blanking when the V
CC drops below 10.6V.
Forcing the outputs to a blacker-than-black level will drive
the cathode driver stage well above the black level, cutting
off the beam current in the CRT. This prevents the bright spot
from occurring when the monitor is turned off, preserving the
phosphor of the CRT. The CRT will also have its beam
current cut off during the time the monitor is first turned on.
This is not a critical period for the CRT since the filaments
have not warmed up to generate a current flow.
The comparator along with R89, R90, and Q115 all form the
spot killer circuit. Q115 acts the same as Q106. When Q115
has a high signal at its base it is turned off and the outputs of
the LM1208 are in the normal operating mode. A low signal
at the base of Q115 turns on this transistor, blanking the
outputs of the LM1208. Q115 is driven by the output of the
comparator. The inverting input of the comparator is con-
nected to an internal 1.2V reference. The non-inverting side
is connected to a resistor divider network, R89 and R90.
When V
CC is above 10.6V the non-inverting input is above
the 1.2V reference, therefore the output of the comparator is
high. This high output turns off Q115. Once the V
CC drops
below 10.6V the comparator’s output goes low, turning on
Q115 which forces the outputs into the blanking mode.
DS100083-17
FIGURE 12. Simplified Schematic of LM1208 Clamp Gate Circuit
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com