Electronic Components Datasheet Search
  English  ▼

X  

LM1208 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1208
Description  130 MHz/85 MHz RGB Video Amplifier System with Blanking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1208 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM1208 Datasheet HTML 9Page - National Semiconductor (TI) LM1208 Datasheet HTML 10Page - National Semiconductor (TI) LM1208 Datasheet HTML 11Page - National Semiconductor (TI) LM1208 Datasheet HTML 12Page - National Semiconductor (TI) LM1208 Datasheet HTML 13Page - National Semiconductor (TI) LM1208 Datasheet HTML 14Page - National Semiconductor (TI) LM1208 Datasheet HTML 15Page - National Semiconductor (TI) LM1208 Datasheet HTML 16Page - National Semiconductor (TI) LM1208 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Circuit Description (Continued)
CONTRAST CONTROL
Figure 9 is a simplified schematic of the Contrast Control
circuit. The output of this circuit is common to all three
channels. A reference voltage is generated by Z2, Q34, Q35,
R30, and R31. Q36, Q39, and Q41 are all current sources
that are controlled by the reference voltage. The contrast
signal has a 0V to 4V range with its input at pin 12. R32 is
used for current limiting any voltage surge that may occur at
pin 12. Note that the input stage (Q37, Q38, and Q42) are all
PNP transistors. This configuration is necessary for opera-
tion down to near ground. At Q44 the input voltage is con-
verted to a current by R33. The input stage will apply the
same voltage across R33 as is applied at the input and with
no temperature variations from the transistors. Q37 is con-
nected to a current source (Q36) to keep a constant current
flow through Q37 and a predictable diode voltage for the
base-emitter of Q37. Q40 is connected as a diode and is
biased by the current source Q39. The current through Q40
is mirrored into Q43, giving a current bias for Q42. Again this
is done to give a predictable diode voltage for Q42. Q41 is a
current source for both Q38 and Q42. With the current
through Q42 already established, the rest of the current from
Q41 flows through Q38. As one can see the input voltage is
accurately reflected across R33 with no temperature coeffi-
cients from the input stage of the contrast control circuit.
Pin 1 of the contrast control output is held at a constant
voltage two diode drops below 1⁄2V
CC. To generate this ref-
erence the base of Q51 is held at exactly 1⁄2V
CC. R44 and
R45 form a voltage divider. With both Q53 and Q54 con-
nected as diodes the voltage at the junction of R44 and R45
is 1⁄2V
CC plus one diode drop. Q52 is a buffer to this refer-
ence voltage, generating exactly 1⁄2V
CC at its emitter. Q51 is
used to drive the bases of Q49 and Q50 to one diode drop
below the reference voltage. Q50 is used to further buffer the
reference voltage to the base of Q9 (see
Figure 8) and the
corresponding transistors in the other channels. Q48 is used
to bias the collector of Q49 to 1⁄2V
CC, the same voltage as
the collector of Q47 when the differential pair is balanced.
This keeps the characteristics of Q47 and Q49 well matched.
Going back to Q44 and R33; these parts set up a current
source that varies the current through R36. With a 2V con-
trast voltage the differential pair is balanced, meaning that
the voltage drop across R36 is 1⁄2V
CC. Q45 buffers the
voltage at R36, driving the bases of Q46 and Q47. Q46
further buffers the voltage, driving the base of Q8 (see
Figure 8) and the corresponding transistors in the other two
channels. In the balanced condition the voltage at pin 2 will
also be two diode drops below 1⁄2V
CC, giving a well balanced
drive to the differential pair consisting of Q8 and Q9 in the
video amplifier input stage. With the contrast voltage set to
0V, the voltage at pin 2 will increase by about 400 mV to 500
mV. A 4V contrast voltage decreases the voltage at pin 2 by
about 400 mV to 500 mV from the balanced condition.
Reviewing
Figure 8 note that decreasing the voltage at pin 2
will decrease the current flow through Q8. Thus the current
flow through Q9 increases, increasing the gain of the
LM1208. So increasing the contrast control voltage at pin 12
increases the gain of the LM1208. The contrast control
voltage from Q46 and Q50 is common to all three channels.
To minimize crosstalk it is necessary to add a decoupling
capacitor of 0.1 µF across R37 and R40. Since this can only
be done externally, these two nodes are brought out to pins
1 and 2. The 30
Ω resistor is added in series with the capaci-
tor for improving stability. To prevent a destructive current
surge due to shorting either pins 1 or 2 to ground R38 was
added for current limiting.
DRIVE CONTROL
Figure 10 is a simplified schematic of the Drive Control
circuit. Each channel has its own drive control circuit. This
circuit is almost identical to
Figure 9 , the contrast control
circuit. It will be easier to cover the differences between the
two circuits instead of going through virtually the same circuit
description. Note that the input stage is exactly the same.
The generation of the reference voltage at the right hand
side of
Figure 10 is slightly different than the circuit in Figure
9. ln the drive control circuit the reference voltage at the base
of Q72 is to be 2⁄3V
CC. In the contrast control circuit the
reference voltage at the base of Q51 was to be 1⁄2V
CC.To
generate the 2⁄3V
CC R57 and R58 forma2to1 voltage
divider. With the two to one ratio it is now necessary to have
three transistors connected as diodes, which are Q74, Q75,
and Q76. Q73 is the buffer for this voltage divider and its
emitter is exactly 2⁄3V
CC with temperature compensation.
R52 and R53 also differ from their corresponding resistors in
Figure 9, R36 and R39. The value difference is so the base
of Q66 is also at 2⁄3V
CC when the input drive voltage is at 2V.
R38 in
Figure 9 was needed for current limiting at the output
pins. Since each channel has its own drive control circuit no
filtering is required, eliminating the need for external pins.
With no external pins no current limiting is necessary, thus
the 1k resistor is not used in the drive control circuit.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com