Electronic Components Datasheet Search
  English  ▼

X  

IW1706 Datasheet(PDF) 9 Page - Dialog Semiconductor

Part # IW1706
Description  Low-Power Off-Line Digital Green-Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1706 Datasheet(HTML) 9 Page - Dialog Semiconductor

Back Button IW1706 Datasheet HTML 3Page - Dialog Semiconductor IW1706 Datasheet HTML 4Page - Dialog Semiconductor IW1706 Datasheet HTML 5Page - Dialog Semiconductor IW1706 Datasheet HTML 6Page - Dialog Semiconductor IW1706 Datasheet HTML 7Page - Dialog Semiconductor IW1706 Datasheet HTML 8Page - Dialog Semiconductor IW1706 Datasheet HTML 9Page - Dialog Semiconductor IW1706 Datasheet HTML 10Page - Dialog Semiconductor IW1706 Datasheet HTML 11Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
iW1706
Low-Power Off-Line Digital Green-Mode PWM Controller
Rev. 1.1
iW1706
Page 9
FebRuaRy 1, 2012
soft-start cycle. The controller continues attempting start-up
until the fault condition is removed.
9.10 PCL, OCP and SRS Protection
Peak-current limit (PCL), over-current protection (OCP) and
sense-resistor short protection (SRSP) are features built-in
to the iW1706. With the I
SENSE pin the iW1706 is able to
monitor the peak primary current. This allows for cycle by
cycle peak current control and limit. When the primary peak
current multiplied by the I
SENSE resistor is greater than 1.15 V
over current (OCP) is detected and the IC will immediately
turn off the base driver until the next cycle. The output
driver will send out a switching pulse in the next cycle, and
the switching pulse will continue if the OCP threshold is
not reached; or, the switching pulse will turn off again if the
OCP threshold is reached. If the OCP occurs for several
consecutive switching cycles, the iW1706 shuts down.
If the I
SENSE resistor is shorted there is a potential danger
of the over current condition not being detected. Thus,
the IC is designed to detect this sense-resistor-short fault
after startup and shut down immediately. The V
CC will be
discharged since the IC remains biased. Once V
CC drops
below the UVLO threshold, the controller resets itself and
then initiates a new soft-start cycle. The controller continues
attempting to startup, but does not fully startup until the fault
condition is removed.
9.11 Dynamic Base Current Control
One important feature of the iW1706 is that it directly drives
a BJT switching device with dynamic base current control to
optimize performance. The BJT base current ranges from
13 mA to 40 mA, and is dynamically controlled according
to the power supply load change. The higher the output
power, the higher the base current. Specifically, the base
current is related to V
IPK, as shown in Figure 9.5.
0
10
20
30
40
0.1
0
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
VIPK (V)
50
Figure 9.5: Base Drive Current vs. V
IPK
9.12 Cable Drop Compensation
The iW1706 incorporates an innovative method to
compensate for any IR drop in the secondary circuitry
including cable and cable connector. A 6-W adapter with
12 V DC output has 1.26% deviation at 0.5 A load current
due to the drop across a 24 AWG, 1.8 meter DC cable
without cable compensation. The iW1706 compensates
for this voltage drop by providing a voltage offset to the
feedback signal based on the amount of load current
detected.
The “Cable Comp” specified in the Table in Section 11.0
refers to the voltage increment at PCB end from no-load
to full-load conditions in the CV mode, with the assumption
that the secondary diode voltage drop can be ignored at
the point when the secondary voltage is sensed. Also, the
“Cable Comp” is specified based on the nominal output
voltage of 5 V. For different output voltage, the actual
voltage increment needs to be scaled accordingly.
To calculate the amount of cable compensation needed,
take the resistance of the cable and connector and multiply
by the maximum output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com