Electronic Components Datasheet Search
  English  ▼

X  

IW1706 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # IW1706
Description  Low-Power Off-Line Digital Green-Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1706 Datasheet(HTML) 1 Page - Dialog Semiconductor

  IW1706 Datasheet HTML 1Page - Dialog Semiconductor IW1706 Datasheet HTML 2Page - Dialog Semiconductor IW1706 Datasheet HTML 3Page - Dialog Semiconductor IW1706 Datasheet HTML 4Page - Dialog Semiconductor IW1706 Datasheet HTML 5Page - Dialog Semiconductor IW1706 Datasheet HTML 6Page - Dialog Semiconductor IW1706 Datasheet HTML 7Page - Dialog Semiconductor IW1706 Datasheet HTML 8Page - Dialog Semiconductor IW1706 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
iW1706
Low-Power Off-Line Digital Green-Mode PWM Controller
Rev. 1.1
iW1706
Page 1
FebRuaRy 1, 2012
1.0 Features
● Primary-side feedback eliminates opto-isolators and
simplifies design
● Adaptively controlled soft start-up enables fast and
smooth start-up for a wide range of capacitive loads
(from 330 μF to 6000 μF)
● Very tight constant voltage regulation
● EZ-EMI ® design enhances manufacturability
● Intrinsically low common mode noise
● Optimized 72 kHz maximum PWM switching frequency
achieves best size and efficiency
● Adaptive multi-mode PWM/PFM control improves
efficiency
● Quasi-resonant operation for highest overall efficiency
● Direct drive of low-cost BJT switch
● Dynamic base current control
● No external compensation components required
● Complies with EPA 2.0 energy-efficiency specifications
with ample margin
● Built-in short circuit protection and output overvoltage
protection
● Built-in current sense resistor short circuit protection
● Constant current control enables output current limit and
overload protection
● No audible noise over entire operating range
Figure 3.1: iW1706 Typical Application Circuit
2.0 Description
The iW1706 is a high performance AC/DC power supply
controller which uses digital control technology to build peak
current mode PWM flyback power supplies. The device
directly drives a power BJT and operates in quasi-resonant
mode to provide high efficiency along with a number of key
built-in protection features while minimizing the external
component count, simplifying EMI design and lowering the
total bill of material cost. The iW1706 features a distinctive
soft-start scheme, which allows for fast and yet smooth
start-up with both small and large capacitive loads. The
iW1706 removes the need for secondary feedback circuitry
while achieving excellent line and load regulation. It also
eliminates the need for loop compensation components
while maintaining stability over all operating conditions.
Pulse-by-pulse waveform analysis allows for a loop
response that is much faster than traditional solutions,
resulting in improved dynamic load response. The built-in
power limit function enables optimized transformer design
in universal off-line applications and allows for a wide input
voltage range.
iWatt’s innovative proprietary technology ensures that
power supplies built with the iW1706 can achieve both
highest average efficiency and fast yet smooth start-up with
a wide range of capacitive loads, and are ideal for network
power adapter applications.
3.0 Applications
● Network power adapters for ADSL, wireless access
points, routers.
L
+
VOUT
GND
U1
iW1706
VCC
GND
VSENSE
OUTPUT
ISENSE
1
3
2
5
4
N
+


Similar Part No. - IW1706

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
IW1706-00 RENESAS-IW1706-00 Datasheet
972Kb / 15P
Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
IW1706-01 RENESAS-IW1706-01 Datasheet
972Kb / 15P
Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
IW1706-03 RENESAS-IW1706-03 Datasheet
972Kb / 15P
Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
More results

Similar Description - IW1706

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1677 DIALOG-IW1677 Datasheet
763Kb / 16P
Low-Power Off-Line Digital Green-Mode PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
Low-Power Off-line Digital Green-Mode PWM Controller
IW1697 DIALOG-IW1697 Datasheet
979Kb / 12P
Low-Power Off-Line Digital Green-Mode PWM Controller
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
Low-Power Off-Line Digital Green-Mode PWM Controller
IW1676 DIALOG-IW1676 Datasheet
915Kb / 16P
Low Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
IW1677 RENESAS-IW1677 Datasheet
1,016Kb / 16P
Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
IW1678 RENESAS-IW1678 Datasheet
908Kb / 11P
Low-Power Off-line Digital Green-Mode PWM Controller
January 22, 2022
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com