Electronic Components Datasheet Search
  English  ▼

X  

IW1706 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # IW1706
Description  Low-Power Off-Line Digital Green-Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1706 Datasheet(HTML) 2 Page - Dialog Semiconductor

  IW1706 Datasheet HTML 1Page - Dialog Semiconductor IW1706 Datasheet HTML 2Page - Dialog Semiconductor IW1706 Datasheet HTML 3Page - Dialog Semiconductor IW1706 Datasheet HTML 4Page - Dialog Semiconductor IW1706 Datasheet HTML 5Page - Dialog Semiconductor IW1706 Datasheet HTML 6Page - Dialog Semiconductor IW1706 Datasheet HTML 7Page - Dialog Semiconductor IW1706 Datasheet HTML 8Page - Dialog Semiconductor IW1706 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
iW1706
Low-Power Off-Line Digital Green-Mode PWM Controller
Rev. 1.1
iW1706
Page 2
FebRuaRy 1, 2012
4.0 Pinout Description
Pin #
Name
Type
Pin Description
1
V
CC
Power Input Power supply for control logic.
2
GND
Ground
Ground.
3
V
SENSE
Analog Input Auxiliary voltage sense (used for primary regulation).
4
I
SENSE
Analog Input Primary current sense. Used for cycle-by-cycle peak current control and limit.
5
OUTPUT
Output
Base drive for BJT.
iW1706
VCC
GND
VSENSE
OUTPUT
ISENSE
1
2
3
5
4
Absolute maximum ratings are the parameter values or ranges which can cause permanent damage if exceeded. For
maximum safe operating conditions, refer to Electrical Characteristics in Section 6.0.
Parameter
Symbol
Value
Units
DC supply voltage range (pin 1, I
CC = 20mA max)
V
CC
-0.3 to 18.0
V
Continuous DC supply current at V
CC pin (VCC = 15 V)
I
CC
20
mA
Output (pin 5)
-0.3 to 4.0
V
V
SENSE input (pin 3, IVsense ≤ 10 mA)
-0.7 to 4.0
V
I
SENSE input (pin 4)
-0.3 to 4.0
V
Maximum junction temperature
T
J MAX
150
°C
Storage temperature
T
STG
–65 to 150
°C
Lead temperature during IR reflow for ≤ 15 seconds
T
LEAD
260
°C
Thermal Resistance Junction-to-Ambient
θ
JA
190
°C/W
ESD rating per JEDEC JESD22-A114
2,000
V
Latch-Up test per JEDEC 78
±100
mA
Figure 4.1: 5 Lead SOT-23 Package
5.0 Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com