Electronic Components Datasheet Search
  English  ▼

X  

IW1706 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # IW1706
Description  Low-Power Off-Line Digital Green-Mode PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

IW1706 Datasheet(HTML) 3 Page - Dialog Semiconductor

  IW1706 Datasheet HTML 1Page - Dialog Semiconductor IW1706 Datasheet HTML 2Page - Dialog Semiconductor IW1706 Datasheet HTML 3Page - Dialog Semiconductor IW1706 Datasheet HTML 4Page - Dialog Semiconductor IW1706 Datasheet HTML 5Page - Dialog Semiconductor IW1706 Datasheet HTML 6Page - Dialog Semiconductor IW1706 Datasheet HTML 7Page - Dialog Semiconductor IW1706 Datasheet HTML 8Page - Dialog Semiconductor IW1706 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
iW1706
Low-Power Off-Line Digital Green-Mode PWM Controller
Rev. 1.1
iW1706
Page 3
FebRuaRy 1, 2012
6.0 Electrical Characteristics
V
CC = 12 V, -40°C ≤ TA ≤ +85°C, unless otherwise specified.
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
V
SENSE SECTION (Pin 3)
Input leakage current
I
BVS
V
SENSE = 2 V
1
μA
Nominal voltage threshold
V
SENSE(NOM)
T
A=25°C, negative edge
1.518
1.533
1.548
V
Output OVP threshold -00 (Note 1)
V
SENSE(MAX)
T
A=25°C, negative edge
1.834
V
Output OVP threshold -01 (Note 1)
V
SENSE(MAX)
T
A=25°C, negative edge
Load = 100 %
1.855
V
Output OVP threshold -03 (Note 1)
V
SENSE(MAX)
T
A=25°C, negative edge
Load = 100%
1.901
V
I
SENSE SECTION (Pin 4)
Overcurrent threshold
V
OCP
1.11
1.15
1.19
V
I
SENSE regulation upper limit (Note 1)
V
IPK(HIGH)
1.0
V
I
SENSE regulation lower limit (Note 1)
V
IPK(LOW)
0.23
V
Input leakage current
I
LK
I
SENSE = 1.0 V
1
μA
OUTPUT SECTION (Pin 5)
Output low level ON-resistance
R
DS(ON)LO
I
SINK = 5 mA
1
3
W
Switching frequency (Note 2)
f
SW
> 50% load
72
kHz
V
CC SECTION (Pin 1)
Maximum operating voltage (Note 1)
V
CC(MAX)
16
V
Start-up threshold
V
CC(ST)
V
CC rising
10.0
11.0
12.0
V
Undervoltage lockout threshold
V
CC(UVL)
V
CC falling
3.8
4.0
4.2
V
Start-up Current
I
IN(ST)
V
CC = 10 V
1.0
1.7
3.0
μA
Quiescent current
I
CCQ
No I
B current
2.7
4.0
mA
Zener breakdown voltage
V
ZB
Zener current = 5 mA
T
A=25°C
18.5
19.5
20.5
V
Notes:
Note 1. These parameters are not 100% tested, guaranteed by design and characterization.
Note 2. Operating frequency varies based on the load conditions, see Section 9.6 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com