Electronic Components Datasheet Search
  English  ▼

X  

ACE523C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE523C
Description  250mA Low consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE523C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE523C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE523C
250mA Low consumption Linear Regulator
VER 1.2
2
Electrical Characteristics
Load Regulation
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Max Input Voltage
20
V
Power Dissipation
SOT-23-3
250
mW
SOT-89-3(A、B)
500
Operating Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 ~ 150
OC
Ambient Temperature
TA
-40 ~ 85
OC
Lead Temperature & Time
260
OC,10s
Note: Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com