Electronic Components Datasheet Search
  English  ▼

X  

ACE523C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE523C
Description  250mA Low consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE523C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE523C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE523C
250mA Low consumption Linear Regulator
VER 1.2
1
Description
ACE523C series is a group of positive voltage output, low power consumption, low dropout voltage,
three terminal regulator. It can provide 200mA output current when input / output voltage differential drops
to 418mV (Vout= 3.3V), And it also provides foldback short-circuit protection and output current limit
function. The very low power consumption of ACE523C (Iq=3uA)can greatly improve natural life of
batteries.
ACE523C can provide output value in the range of 1.2V~5.0V in 0.1V steps. It also can customized on
command.
ACE523C includes high accuracy voltage reference, error amplifier, current limit circuit and output driver
module.
ACE523C has well load transient response and good temperature characteristic, And it uses trimming
technique to guarantee output voltage accuracy within±2%.
Features
Low Power Consumption: 3uA(Typ.)
Maximum Output Current: 250mA
Small Dropout Voltage
211mV@100mA (Vout=3.3V)
418mV@200mA (Vout=3.3V)
Input Voltage Range: 2.5V~16V
Output Voltage Range: 1.2V~5.0V (customized on command in 0.1V steps)
Highly Accurate: ±2%(±1% customized)
Output Current Limit : 500mA
Foldback Short‐circuit Current : 85mA
Application
Battery Powered equipment
Power Management of MP3. PDA. DSC. Mouse. PS2 Games
Reference Voltage Source Regulation after Switching Power
Typical Application
ACE523C
Note: Input capacitor (Cin=1uF) and Output capacitor (Cout=1uF) are recommended in all application circuit. Ceramic capacitor
is recommended.


Similar Part No. - ACE523C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE520 ACE-ACE520 Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
ACE520BDGM+H ACE-ACE520BDGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520BEGM+H ACE-ACE520BEGM+H Datasheet
663Kb / 9P
Dual 300mA High PSRR Linear Regulator
VER 1.4
ACE520C ACE-ACE520C Datasheet
1Mb / 8P
Dual 300mA High PSRR Linear Regulator
VER 1.5
More results

Similar Description - ACE523C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Monolithic Power System...
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
Low Dropout 250mA Linear Regulator
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
BL8062 BELLING-BL8062 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
Low Dropout 250mA Linear Regulator
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
250mA CMOS Low consumption Linear Regulator
VER 1.4
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com