Electronic Components Datasheet Search
  English  ▼

X  

ACE523C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE523C
Description  250mA Low consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE523C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE523C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE523C
250mA Low consumption Linear Regulator
VER 1.2
3
Packaging Type
SOT-23-3
SOT-89-3
3
1
2
1
2
3
Ordering information
ACE523C XX XX + H
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
16
V
Ambient Temperature
-40
+85
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF,TA=25℃, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
16
V
Output Voltage
VOUT
Vout
x0.98
Vout
X1.02
V
Maximum Output Current
IOUT(Max.)
VIN-VOUT=1V
250
mA
Input-Output Voltage
Differential
Dropout
Voltage
IOUT=100mA
Vout=3.3V
210
400
mV
Line Regulation
ΔV
OUT
ΔV
IN•VOUT
IOUT=10mA
2V≦VIN≦16V
0.2
0.3
%/V
Load Regulation
ΔV
OUT
VIN=Set Vout+1V
1mA≦IOUT≦100mA
20
40
mV
Quiescent Current
Iq
VIN=Set Vout+1V
3
uA
Output Voltage Temperature
Coefficient
ΔV
OUT /
ΔT•V
OUT
IOUT=10mA
100
ppm/℃
SOT-23-3
SOT-89-3(A)
SOT-89-3(B)
Description
1
1
2
GND
2
3
1
Vout
3
2
3
Vin
BM : SOT-23-3
AMA: SOT-89-3(A)
AMB: SOT-89-3(B)
Output Voltage:1.1V/1.5V
…..5.0V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com