Electronic Components Datasheet Search
  English  ▼

X  

ACE523C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE523C
Description  250mA Low consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE523C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE523C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE523C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACE523C
250mA Low consumption Linear Regulator
VER 1.2
4
Block Diagram
Explanation
ACE523C is a series of low dropout voltage and low power consumption three pins regulator. Its
application circuit is very simple, which only needs two outside capacitors. It is composed of these
modules: high accuracy voltage reference, current limit circuit, error amplifier, output driver and power
transistor.
Current Limit module can keep chip and power system away from danger when load current is more
than 500mA.
ACE523C uses trimming technique to assure the accuracy of output value within±2%, at the same time,
temperature compensation is elaborately considered in this chip, which makes ACE523C
’s temperature
coefficient within 100ppm/℃。



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com