Electronic Components Datasheet Search
  English  ▼

X  

LM2608 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2608
Description  400mA Sub-miniature, High Efficiency, Programmable DC-DC Converter with Linear Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2608 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2608 Datasheet HTML 1Page - National Semiconductor (TI) LM2608 Datasheet HTML 2Page - National Semiconductor (TI) LM2608 Datasheet HTML 3Page - National Semiconductor (TI) LM2608 Datasheet HTML 4Page - National Semiconductor (TI) LM2608 Datasheet HTML 5Page - National Semiconductor (TI) LM2608 Datasheet HTML 6Page - National Semiconductor (TI) LM2608 Datasheet HTML 7Page - National Semiconductor (TI) LM2608 Datasheet HTML 8Page - National Semiconductor (TI) LM2608 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Description
Pin Number (*)
Pin Name
Function
A1
FB
Feedback Analog Input. Connect to the output at the output filter capacitor (Figure 1)
B1
VSEL
Output Voltage Selection Input. Set this digital input to:
VDD for 1.8V output voltage (1.5V for LM2608ATL-1.3)
SGND for 1.5V output voltage (1.3V for LM2608ATL-1.3)
C1
VREF
External Reference Input. Drive this analog input with a 1.35V reference to set the output
voltage. The LM2608 uses an internal reference while in LDO mode. (see Note 5 in the
Electrical Characteristics table for further information.)
D1
SYNC/MODE
Synchronization Input. Use this digital input for frequency synchronization or mode control.
Set:
SYNC/MODE = high for low-noise 600kHz PWM mode
SYNC/MODE = low for low-current LDO mode
SYNC/MODE = 500kHz - 1MHz external clock for synchronization to an external clock in
PWM mode. See Synchronization and Operating Modes in the Device Information section.
D2
EN
Enable Input. Set this Schmitt trigger digital input high for normal operation.
D3
PGND
Power Ground
C3
SW
Switching Node connection to the internal PFET switch and NFET synchronous rectifier.
Connect to an inductor with a saturation current rating that exceeds the max. Switch Peak
Current Limit specification of the LM2608 (Figure 1)
B3
PVIN
Power Supply Input to the internal PFET switch. Connect to the input filter capacitor
(Figure 1).
A3
VDD
Analog Supply Input. If board layout is not optimum, an optional 0.1µF ceramic capacitor
is suggested (Figure 1)
A2
SGND
Analog and Control Ground
(*) Note that the pin numbering scheme for the Micro SMD package was revised in April,2002 to conform to JEDEC standard. Only the pin numbers were revised.
No changes to the physical location of the inputs/outputs were made. For reference purpose, the obsolete numbering had FB as pin 1, VSEL as pin 2, VREF as pin
3, SYNC as pin 4, EN as pin 5, PGND as pin 6, SW as pin 7, PVIN as pin 8, VDD as pin 9 and SGND as pin 10.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com