Electronic Components Datasheet Search
  English  ▼

X  

LM2608 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2608
Description  400mA Sub-miniature, High Efficiency, Programmable DC-DC Converter with Linear Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2608 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2608 Datasheet HTML 10Page - National Semiconductor (TI) LM2608 Datasheet HTML 11Page - National Semiconductor (TI) LM2608 Datasheet HTML 12Page - National Semiconductor (TI) LM2608 Datasheet HTML 13Page - National Semiconductor (TI) LM2608 Datasheet HTML 14Page - National Semiconductor (TI) LM2608 Datasheet HTML 15Page - National Semiconductor (TI) LM2608 Datasheet HTML 16Page - National Semiconductor (TI) LM2608 Datasheet HTML 17Page - National Semiconductor (TI) LM2608 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Application Information (Continued)
TABLE 2. Suggested Inductors and Their Suppliers (Continued)
Model
Vendor
Phone
FAX
ELL6GM100M
Panasonic
714-373-7366
714-373-7323
ELL6PM100M
Panasonic
P1174.103T
Pulse
Engineering
858-674-8100
858-674-8262
P0770.103T
Pulse
Engineering
858-674-8100
858-674-8262
CDRH5D18-100
Sumida
847-956-0666
847-956-0702
CDRH4D28-100
Sumida
CDC5D23-100
Sumida
NP05D
B100M
Taiyo
Yuden
847-925-0888
847-925-0899
NP04S
B100N
Taiyo
Yuden
SLF6025T-100M1R0
TDK
847-803-6100
847-803-6296
SLF6020T-100MR90
TDK
A918CY-100M
Toko
847-297-0070
847-699-7864
A915AY-100M
Toko
For low-cost applications, an unshielded bobbin inductor is
suggested. For noise critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is
to lay out the board with overlapping footprints of both types
for design flexibility. This allows substitution of a low-noise
toroidal inductor, in the event that noise from low-cost bobbin
models is unacceptable.
The saturation current rating is the current level beyond
which an inductor loses its inductance. Beyond this rating,
the inductor loses its ability to limit current through the PFET
switch to a ramp and allows the switch current to increase
rapidly. This can cause poor efficiency, regulation errors or
stress to DC-DC converters like the LM2608. Saturation
occurs when the magnetic flux density from current through
the windings of the inductor exceeds what the inductor’s
core material can support with energy storage in a corre-
sponding magnetic field.
TABLE 3. Suggested Capacitors and Their Suppliers
Model
Size
Vendor
Phone
FAX
22µF, X7R or X5R Ceramic Capacitor for C2 (Output Filter Capacitor)
C3225X5RIA226M
1210
TDK
847-803-6100
847-803-6296
JMK325BJ226MM
1210
Taiyo-Yuden
847-925-0888
847-925-0899
ECJ4YB0J226M
1210
Panasonic
714-373-7366
714-373-7323
GRM42-2X5R226K6.3
1210
muRata
404-436-1300
404-436-3030
10µF, 6.3V, X7R or X5R Ceramic Capacitor for C1 (Input Filter Capacitor)
C2012X5R0J106M
0805
TDK
847-803-6100
847-803-6296
JMK212BJ106MG
0805
Taiyo Yuden
847-925-0888
847-925-0899
ECJ3YB0J106K
1206
Panasonic
714-373-7366
714-373-7323
GRM40X5R106K6.3
0805
muRata
404-436-1400
404-436-3030
CAPACITOR SELECTION
Use a 10µF, 6.3V, X7R or X5R ceramic input filter capacitor
and a 22µF, X7R or X5R ceramic output filter capacitor.
These provide an optimal balance between small size, cost,
reliability and performance. Do not use Y5V ceramic capaci-
tors. Table 3 lists suggested capacitors and suppliers.
A 10µF ceramic capacitor can be used for the output filter
capacitor for smaller size in applications where the worst-
case transient load step is less than 200mA. Use of a 10µF
output capacitor trades off smaller size for an increase in
output voltage ripple, and undershoot during line and load
transient response.
The input filter capacitor supplies current to the PFET switch
of the LM2608 in the first part of each cycle and reduces
voltage ripple imposed on the input power source. The out-
put filter capacitor smoothes out current flow from the induc-
tor to the load, helps maintain a steady output voltage during
transient load changes and reduces output voltage ripple.
These capacitors must be selected with sufficient capaci-
tance and sufficiently low ESR to perform these functions.
The ESR, or equivalent series resistance, of the filter capaci-
tors is a major factor in voltage ripple.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com