Electronic Components Datasheet Search
  English  ▼

X  

LM2608 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2608
Description  400mA Sub-miniature, High Efficiency, Programmable DC-DC Converter with Linear Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2608 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2608 Datasheet HTML 2Page - National Semiconductor (TI) LM2608 Datasheet HTML 3Page - National Semiconductor (TI) LM2608 Datasheet HTML 4Page - National Semiconductor (TI) LM2608 Datasheet HTML 5Page - National Semiconductor (TI) LM2608 Datasheet HTML 6Page - National Semiconductor (TI) LM2608 Datasheet HTML 7Page - National Semiconductor (TI) LM2608 Datasheet HTML 8Page - National Semiconductor (TI) LM2608 Datasheet HTML 9Page - National Semiconductor (TI) LM2608 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Operating Characteristics LM2608ATL, Circuit of Figure 1,V
IN = 3.6V, TA = 25˚C, L1 =
10 µH, unless otherwise noted.
Quiescent Supply Current vs Supply Voltage
(PWM MODE)
Quiescent Supply Current vs Supply Voltage
(LDO MODE)
20036644
20036606
Output Voltage vs Supply Voltage
(PWM MODE)
Output Voltage vs Supply Voltage
(PWM MODE)
20036645
20036646
Shutdown Quiescent Current vs Temperature
PWM Output Voltage vs Output Current
20036607
20036652
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com