Electronic Components Datasheet Search
  English  ▼

X  

FT-63EX Datasheet(PDF) 1 Page - Copal Electronics

Part # FT-63EX
Description  SINGLE TURN CERMET TRIMMERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT-63EX Datasheet(HTML) 1 Page - Copal Electronics

  FT-63EX Datasheet HTML 1Page - Copal Electronics FT-63EX Datasheet HTML 2Page - Copal Electronics FT-63EX Datasheet HTML 3Page - Copal Electronics FT-63EX Datasheet HTML 4Page - Copal Electronics FT-63EX Datasheet HTML 5Page - Copal Electronics FT-63EX Datasheet HTML 6Page - Copal Electronics FT-63EX Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Part name
Material
Flammability
※Please refer to the LIST OF PART NUMBERS when placing orders.
FT-63
SINGLE TURN CERMET TRIMMERS
INTERNAL STRUCTURE
■ FEATURES
RoHS compliant
Resistance tolerance ± 10 %
“O”ring sealed (Washable: Refer to 750)
Suitable for automatic insertion and automatic adjustment
Increase in the level of characteristics in the high-
frequency field (In house comparison)
■
PART NUMBER DESIGNATION
F T - 6 3 E T V 5 k
Ω ( 5 0 2 )
Series name
Terminal pin
E
:Sn (Lead-free)
Form of packaging
T
:Taping (Ammo pack type)
Blank
:Bulk in plastic bag
Resistance code
Resistance value
Product shape
P
:Top adjustment
S
:Side adjustment
V
:Top adjustment
X
:Side adjustment
H
:Side adjustment
N
:Side adjustment
1
2
3
4
5
6
7
8
9
RuO2 cermet
Copper, Tin-plated
Ceramic
Epoxy
Ag-Pd cermet
Nickel silver
Silicone rubber
Polybutyleneterephthalate
UL94V-0
—
UL94HB
—
UL94V-0
—
1
2
3
4
5
6
7
8
9
“O” ring
Base element
Rotor
Electrode
Wiper
Resistive element
Terminal pin
Housing
Adhesive
RoHS compliant


Similar Part No. - FT-63EX

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FT-6Z PREMO-FT-6Z Datasheet
146Kb / 1P
IEC Connector Filter
FT-6ZM PREMO-FT-6ZM Datasheet
146Kb / 1P
IEC Connector Filter
More results

Similar Description - FT-63EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
SINGLE TURN CERMET TRIMMERS
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
SINGLE TURN CERMET TRIMMERS
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
SINGLE TURN CERMET TRIMMERS
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
SINGLE TURN CERMET TRIMMERS
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
CT-6 COPAL-CT-6 Datasheet
180Kb / 9P
SINGLE TURN CERMET TRIMMERS
RJ-13 COPAL-RJ-13 Datasheet
295Kb / 4P
SINGLE TURN CERMET TRIMMERS
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
SINGLE TURN CERMET TRIMMERS
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com