Electronic Components Datasheet Search
  English  ▼

X  

FT-63EX Datasheet(PDF) 3 Page - Copal Electronics

Part # FT-63EX
Description  SINGLE TURN CERMET TRIMMERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT-63EX Datasheet(HTML) 3 Page - Copal Electronics

  FT-63EX Datasheet HTML 1Page - Copal Electronics FT-63EX Datasheet HTML 2Page - Copal Electronics FT-63EX Datasheet HTML 3Page - Copal Electronics FT-63EX Datasheet HTML 4Page - Copal Electronics FT-63EX Datasheet HTML 5Page - Copal Electronics FT-63EX Datasheet HTML 6Page - Copal Electronics FT-63EX Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Test item
Test conditions
Specifications
Thermal shock
Humidity
Shock
Vibration
Load life
Low temp. operation
High temp. exposure
Immersion seal
Soldering heat
ΔR/R:Change in total resistance
S.S.
:Setting stability
−65 ~ 125 °C
(0.5 h), 5 cycles
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[
ΔR/R ≦ 2 %]
981 m/s
2, 6 ms
6 directions for 3 times each
[
ΔR/R ≦ 1 %]
[S.S.
≦ 1 %]
(Amplitude) 1.52 mm or
(Acceleration) 196 m/s
2,
10 ~ 2000 Hz, 3 directions,
12 times each
70 °C, 0.5 W
1000 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 1 %]
−55 °C, 2 h
[
ΔR/R ≦ 2 %]
[S.S.
≦ 2 %]
125 °C, 250 h
[
ΔR/R ≦ 3 %]
[S.S.
≦ 2 %]
85 °C, 60 s
No leaks (No continuous bubbles)
Flow
260 ± 3 °C, 5 ~ 6 s, two times maximum
Manual soldering
380 ± 10 °C, 3 ~ 4 s
[
ΔR/R ≦ 1 %]
Nominal resistance
values (
Ω)
Resistance code Maximum input
voltage (V)
Maximum wiper
current (mA)
A
10
100
2.24
223
A
20
200
3.16
158
50
500
5.00
100
100
101
7.07
70.7
200
201
10.0
50.0
300
301
12.2
40.8
500
501
15.8
31.6
1 k
102
22.4
22.4
2 k
202
31.6
15.8
3 k
302
38.7
12.9
5 k
502
50.0
10.0
10 k
103
70.7
7.07
20 k
203
100
5.00
30 k
303
122
4.08
50 k
503
158
3.16
100 k
104
200
2.00
200 k
204
200
1.00
300 k
304
200
0.66
500 k
504
200
0.40
1 M
105
200
0.20
2 M
205
200
0.10
The products indicated by
A mark are manufactured upon receipt of
order basis.
■ ENVIRONMENTAL CHARACTERISTICS
FT-63
CERMET TRIMMERS
■ MAXIMUM INPUT RATINGS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com