Electronic Components Datasheet Search
  English  ▼

X  

FT-63EX Datasheet(PDF) 2 Page - Copal Electronics

Part # FT-63EX
Description  SINGLE TURN CERMET TRIMMERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT-63EX Datasheet(HTML) 2 Page - Copal Electronics

  FT-63EX Datasheet HTML 1Page - Copal Electronics FT-63EX Datasheet HTML 2Page - Copal Electronics FT-63EX Datasheet HTML 3Page - Copal Electronics FT-63EX Datasheet HTML 4Page - Copal Electronics FT-63EX Datasheet HTML 5Page - Copal Electronics FT-63EX Datasheet HTML 6Page - Copal Electronics FT-63EX Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Top adjustment
Side adjustment
Adjustment position
Form of packaging
Taping (Ammo pack type)
Plastic bag
※The above part numbers are all available with the respective combination of
<Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
※Taping specification is not sold separately and must be purchased in taping unit.
The products indicated by
A mark are manufactured upon receipt of
order basis.
FT-63ETP
FT-63EP
FT-63ETV
FT-63EV
FT-63ETS
FT-63ES
FT-63EX
FT-63ETH
FT-63EH
FT-63EN
〈Nominal resistance values〉
Fig. 1
A 10 Ω
A 20 Ω
50
Ω
100
Ω
200
Ω
300
Ω
500
Ω
1 k
Ω
2 k
Ω
3 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
30 k
Ω
50 k
Ω
100 k
Ω
200 k
Ω
300 k
Ω
500 k
Ω
1 M
Ω
2 M
Ω
:Not manufactured
Mechanical angle
Operating torque
Stop strength
Rotational life
Thrust to rotor
Solderability
Terminal strength
Nominal resistance range
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical angle
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
10
Ω ~ 2 MΩ
± 10 %
0.5 W (70 °C) 0 W (125 °C)
(B)
 Linear law
DC200 V or power rating, whichever is smaller
Power ratings
220 ° (1 turn)
1 % or 2
Ω, whichever is greater
2 % or 3
Ω, whichever is greater
−55 ~ 125 °C
10
Ω ~ 20 Ω : ± 150 10-6/°C maximum
50
Ω ~ 2 MΩ : ± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC900 V, 60 s
Approx. 0.52 g (FT-63EP, EV)
Approx. 0.66 g (FT-63ES, EH, EX, EN)
260 ° (1 turn)
20 mN·m {204 gf·cm} maximum
50 mN·m {510 gf·cm} minimum
100 cycles [
ΔR/R ≦
± (2 Ω +3 %)]
10 N {1.02 kgf} minimum
245
± 3 °C, 2 ~ 3 s
10 N {1.02 kgf} minimum
(Tensile strength)
{ }:Reference only
■ ELECTRICAL CHARACTERISTICS
■ MECHANICAL CHARACTERISTICS
■ LIST OF PART NUMBERS
FT-63
CERMET TRIMMERS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com