Electronic Components Datasheet Search
  English  ▼

X  

FT-63EX Datasheet(PDF) 6 Page - Copal Electronics

Part # FT-63EX
Description  SINGLE TURN CERMET TRIMMERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

FT-63EX Datasheet(HTML) 6 Page - Copal Electronics

  FT-63EX Datasheet HTML 1Page - Copal Electronics FT-63EX Datasheet HTML 2Page - Copal Electronics FT-63EX Datasheet HTML 3Page - Copal Electronics FT-63EX Datasheet HTML 4Page - Copal Electronics FT-63EX Datasheet HTML 5Page - Copal Electronics FT-63EX Datasheet HTML 6Page - Copal Electronics FT-63EX Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FT-63
CERMET TRIMMERS
FT-63ETP
Top adjustment
FT-63ETV
Top adjustment
12.71
260 Nom.
2.5
1
6.350.5
12.70.3
0.450.02
2.5
7
7
2 max.
0.7W
× 3L × 1.6D
40.2
0.9
φ
Δ
2 max.
Δ
Resistance code &
Production date code
3
Lead-free Identification mark
12.71
2.5
1
6.350.5
12.70.3
0.450.02
2.5
7
7
2 max.
40.2
2.5
0.9
φ
Δ
2 max.
Δ
3
0.7W
× 3L × 1.6D
Resistance code &
Production date code
260 Nom.
Lead-free Identification mark
FT-63ETH
Side adjustment
FT-63ETS
Side adjustment
12.71
2.5
1
6.350.5
12.70.3
0.450.02
2.5
3.5
2 max.
0.7W
× 3L × 1.6D
40.2
0.9
φ
Δ
2 max.
Δ
Resistance code &
Production date code
3
260 Nom.
7 0
+0.4
7 –0.2
+0.4
Lead-free Identification mark
CW rotation
1
2
3
12.71
2.5
1
6.350.5
12.70.3
0.450.02
2.5
7
+0.4
0
+0.4
–0.2
7
2 max.
40.2
3.5
2.5
0.9
φ
Δ
2 max.
Δ
3
0.7W
× 3L × 1.6D
Resistance code &
Production date code
260 Nom.
Lead-free Identification mark
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com