Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2403AVFS Datasheet(PDF) 35 Page - Texas Instruments

Part # TMX320LC2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2403AVFS Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMX320LC2403AVFS Datasheet HTML 31Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 32Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 33Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 34Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 35Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 36Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 37Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 38Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
functional block diagram of the 2407A DSP CPU
32
16
Data Bus
16
OSCALE (0−7)
D15−D0
A15−A0
16
16
16
32
32
ACCL(16)
ACCH(16)
C
32
CALU(32)
32
32
MUX
ISCALE (0−16)
16
MUX
PREG(32)
Multiplier
TREG0(16)
MUX
16
16
MUX
B1 (256
× 16)
B2 (32
× 16)
DARAM
B0 (256
× 16)
DARAM
7
LSB
from
IR
MUX
DP(9)
9
9
MUX
16
16
ARAU(16)
16
3
3
3
3
ARB(3)
ARP(3)
Program Bus
16
16
16
16
AR7(16)
AR6(16)
AR5(16)
AR3(16)
AR2(16)
AR1(16)
AR0(16)
Stack 8
× 16
PC
MUX
WE
RD
16
XTAL2
CLKOUT
XTAL1
2
XINT[1−2]
MP/MC
RS
XF
READY
STRB
R/W
PS
DS
IS
AR4(16)
16
Data/Prog
16
PSCALE (−6, 0, 1, 4)
16
Data
32
16
16
16
16
16
FLASH EEPROM/
ROM
MUX
MUX
NPAR
PAR
MSTACK
Program Control
(PCTRL)
Memory Map
Register
IMR (16)
IFR (16)
GREG (16)
16
NOTES: A. See Table 4 for symbol descriptions.
B. For clarity, the data and program buses are shown as single buses although they include address and data bits.
C. See the TMS320F/C24x DSP Controllers Reference Guide: CPU and Instruction Set (literature number SPRU160) for CPU
instruction set information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com