Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2403AVFS Datasheet(PDF) 74 Page - Texas Instruments

Part # TMX320LC2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2403AVFS Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMX320LC2403AVFS Datasheet HTML 70Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 71Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 72Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 73Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 74Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 75Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 76Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 77Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 134 page
background image
TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
74
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
current consumption by power-supply pins over recommended operating free-air temperature
ranges during low-power modes at 40-MHz CLOCKOUT (TMS320LF2402A)
PARAMETER
MODE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD†
Operational Current
LPM0
Clock to all peripherals is enabled.
60
70
mA
ICCA
ADC module current
LPM0
Clock to all peripherals is enabled.
No I/O pins are switching.
10
22
mA
IDD†
Operational Current
LPM1
Clock to all peripherals is disabled.
35
45
mA
ICCA
ADC module current
LPM1
Clock to all peripherals is disabled.
No I/O pins are switching.
0
0
mA
IDD†
Operational Current
LPM2
Clock to all peripherals is disabled.
Flash is powered down
200
400
µA
ICCA
ADC module current
LPM2
Flash is powered down.
Input clock is disabled.‡
0
0
mA
† IDD is the current flowing into the VDD, VDDO, and PLLVCCA pins.
‡ If a quartz crystal or ceramic resonator is used as the clock source, the LPM2 mode shuts down the internal oscillator.
current consumption by power-supply pins over recommended operating free-air temperature
ranges during low-power modes at 40-MHz CLOCKOUT (TMS320LC2406A)
PARAMETER
MODE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD†
Operational Current
LPM0
Clock to all peripherals is enabled.
50
70
mA
ICCA
ADC module current
LPM0
Clock to all peripherals is enabled.
No I/O pins are switching.
10
22
mA
IDD†
Operational Current
LPM1
Clock to all peripherals is disabled.
35
45
mA
ICCA
ADC module current
LPM1
Clock to all peripherals is disabled.
No I/O pins are switching.
0
0
mA
I
†
Operational Current
−40
°C to 85°C
20
200
µA
IDD†
Operational Current
LPM2
−40
°C to 125°C
20
400
µA
ICCA
ADC module current
LPM2
Clock to all peripherals is disabled.
Input clock is disabled.‡
0
0
mA
† IDD is the current flowing into the VDD, VDDO, and PLLVCCA pins.
‡ If a quartz crystal or ceramic resonator is used as the clock source, the LPM2 mode shuts down the internal oscillator.
current consumption by power-supply pins over recommended operating free-air temperature
ranges during low-power modes at 40-MHz CLOCKOUT (TMS320LC2404A)
PARAMETER
MODE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD†
Operational Current
LPM0
Clock to all peripherals is enabled.
50
70
mA
ICCA
ADC module current
LPM0
Clock to all peripherals is enabled.
No I/O pins are switching.
10
22
mA
IDD†
Operational Current
LPM1
Clock to all peripherals is disabled.
35
45
mA
ICCA
ADC module current
LPM1
Clock to all peripherals is disabled.
No I/O pins are switching.
0
0
mA
I
†
Operational Current
−40
°C to 85°C
20
200
µA
IDD†
Operational Current
LPM2
−40
°C to 125°C
20
400
µA
ICCA
ADC module current
LPM2
Clock to all peripherals is disabled.
Input clock is disabled.‡
0
0
mA
† IDD is the current flowing into the VDD, VDDO, and PLLVCCA pins.
‡ If a quartz crystal or ceramic resonator is used as the clock source, the LPM2 mode shuts down the internal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com