Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2403AVFS Datasheet(PDF) 69 Page - Texas Instruments

Part # TMX320LC2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2403AVFS Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMX320LC2403AVFS Datasheet HTML 65Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 66Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 67Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 68Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 69Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 70Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 71Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 72Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
69
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
device and development support tool nomenclature (continued)
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, PAG, PG, PGE, and PZ) and temperature range (for example, A). Figure 20 provides a legend
for reading the complete device name for any TMS320x240xA family member. See the timing section for specific
options that are available on 240xA devices.
PREFIX
TMS 320 LF 2407A
PGE
TMX = experimental device
TMP = prototype device
TMS = qualified device
DEVICE FAMILY
320 = TMS320
 DSP Family
TECHNOLOGY
PACKAGE TYPE†‡
PG = 64-pin QFP
PAG = 64-pin TQFP
PGE = 144-pin plastic LQFP
PZ = 100-pin plastic LQFP
VF = 32-pin plastic LQFP
LC = ROM (3.3 V)
LF = Flash EEPROM (3.3 V)
DEVICE
240xA DSP
2407A§
2406A§
2404A
2403A
2402A
2401A
† QFP = Quad Flatpack
LQFP = Low-Profile Quad Flatpack
TQFP = Thin Quad Flatpack
‡ Not yet available Lead (Pb)-free. For estimated conversion dates, go to www.ti.com/leadfree
§ The package dimensions of the 2407A and 2406A devices correspond to the LQFP package. These devices were stated to be
in TQFP packaging in the TMX data sheets. The package dimensions have not changed; only the package designation has
changed.
TEMPERATURE RANGE
A= −40
°C to 85°C
S= −40
°C to 125°C
PGE
A
Figure 20. TMS320x240xA Device Nomenclature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com