Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2403AVFS Datasheet(PDF) 2 Page - Texas Instruments

Part # TMX320LC2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2403AVFS Datasheet(HTML) 2 Page - Texas Instruments

  TMX320LC2403AVFS Datasheet HTML 1Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 2Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 3Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 4Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 5Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 6Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 7Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 8Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Description
4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TMS320x240xA Device Summary
5
. . . . . . . . . . . . . . . . .
Functional Block Diagram of the 2407A
DSP Controller
6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pinouts
7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin Functions
11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Memory Maps
21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peripheral Memory Map of the 2407A/2406A
29
. . . . . . .
Device Reset and Interrupts
30
. . . . . . . . . . . . . . . . . . . . .
DSP CPU Core
34
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TMS320x240xA Instruction Set
34
. . . . . . . . . . . . . . . . . . .
Scan-Based Emulation
34
. . . . . . . . . . . . . . . . . . . . . . . . . .
Functional Block Diagram of the 2407A DSP CPU
35
. .
Internal Memory
42
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peripherals
45
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Event Manager Modules (EVA, EVB)
45
. . . . . . . . . . . .
Enhanced Analog-to-Digital Converter
(ADC) Module
49
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Serial Communications Interface (SCI) Module
53
. . . .
Controller Area Network (CAN) Module
51
. . . . . . . . . .
Serial Peripheral Interface (SPI) Module
55
. . . . . . . . . .
PLL-Based Clock Module
57
. . . . . . . . . . . . . . . . . . . . . .
Digital I/O and Shared Pin Functions
60
. . . . . . . . . . . . .
External Memory Interface (LF2407A)
64
. . . . . . . . . . . .
Watchdog (WD) Timer Module
65
. . . . . . . . . . . . . . . . . .
Development Support
67
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Documentation Support
70
. . . . . . . . . . . . . . . . . . . . . . . . .
LF240xA and LC240xA Electrical
Specifications Data
71
. . . . . . . . . . . . . . . . . . . . . . . . .
Absolute Maximum Ratings
71
. . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions
71
. . . . . . . . . . . . .
Migrating From LF240xA (Flash) Devices to
LC240xA (ROM) Devices
110
. . . . . . . . . . . . . . . . . . .
Migrating From 240x Devices to 240xA Devices
111
. . .
Migrating From LF240x Devices to
LC240xA Devices
112
. . . . . . . . . . . . . . . . . . . . . . . . .
Peripheral Register Description
113
. . . . . . . . . . . . . . . . . .
Mechanical Data
126
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Table of Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com