Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2403AVFS Datasheet(PDF) 109 Page - Texas Instruments

Part # TMX320LC2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2403AVFS Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMX320LC2403AVFS Datasheet HTML 105Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 106Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 107Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 108Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 109Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 110Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 111Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 112Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 134 page
background image
TMS320LF2407A,TMS320LF2406A, TMS320LF2403A, TMS320LF2402A
TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
109
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
10-bit analog-to-digital converter (ADC) (continued)
internal ADC module timing† (see Figure 51)
MIN
MAX
UNIT
t
C l ti
ADC
l d l k
33 3
tc(AD)
Cycle time, ADC prescaled clock
33.3
ns
Pulse duration total sample/hold and
tw(SHC)
Pulse duration, total sample/hold and
i
ti
‡
500
ns
tw(SHC)
conversion time‡
500
ns
td(SOC-SH)
Delay time, start of conversion to beginning of sample and hold
2tc(CO)
ns
tw(SH)
Pulse duration, sample and hold time
2tc(AD)§
32tc(AD)
ns
tw(C)
Pulse duration, total conversion time
10tc(AD)
ns
td(EOC)
Delay time, end of conversion to data loaded into result register
2tc(CO)
ns
td(ADCINT)
Delay time, ADC flag to ADC interrupt
2tc(CO)
ns
† The ADC timing diagram represents a typical conversion sequence. See the ADC chapter in the TMS320LF/LC240xA DSP Controllers Reference
Guide: System and Peripherals (literature number SPRU357) for more details.
‡ The total sample/hold and conversion time is determined by the summation of td(SOC-SH), tw(SH), tw(C), and td(EOC).
§ Can be varied by ACQ Prescaler bits in the ADCTRL1 register
0
3
2
4
51
tw(C)
6
7
8
tc(AD)
ADC Clock
Analog Input
Bit Converted
td(SOC−SH)
EOC/Convert
Internal Start/
Sample Hold
Start of Convert
XFR to RESULTn
tw(SHC)
td(EOC)
9
tw(SH)
td(ADCINT)
ADC Interrupt
Figure 51. Analog-to-Digital Internal Module Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com