Electronic Components Datasheet Search
  English  ▼

X  

TMX320LC2403AVFS Datasheet(PDF) 130 Page - Texas Instruments

Part # TMX320LC2403AVFS
Description  DSP CONTROLLERS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320LC2403AVFS Datasheet(HTML) 130 Page - Texas Instruments

Back Button TMX320LC2403AVFS Datasheet HTML 126Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 127Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 128Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 129Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 130Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 131Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 132Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 133Page - Texas Instruments TMX320LC2403AVFS Datasheet HTML 134Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 130 / 134 page
background image
MECHANICAL DATA
MQFP008 – JULY 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PG (R-PQFP-G64)
PLASTIC QUAD FLATPACK
4040101 / B 03/95
0,15 NOM
18,00
14,20
13,80
17,20
32
33
20
19
12,00 TYP
0,25
1,10
0,70
0,10 MIN
Gage Plane
51
1
18,00 TYP
52
64
23,20
24,00
19,80
20,20
3,10 MAX
2,70 TYP
0,25
0,45
0
°–10°
Seating Plane
0,10
1,00
M
0,20
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Contact field sales office to determine if a tighter coplanarity requirement is available for this package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com