Electronic Components Datasheet Search
  English  ▼

X  

LM1269 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1269
Description  110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1269 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1269 Datasheet HTML 3Page - National Semiconductor (TI) LM1269 Datasheet HTML 4Page - National Semiconductor (TI) LM1269 Datasheet HTML 5Page - National Semiconductor (TI) LM1269 Datasheet HTML 6Page - National Semiconductor (TI) LM1269 Datasheet HTML 7Page - National Semiconductor (TI) LM1269 Datasheet HTML 8Page - National Semiconductor (TI) LM1269 Datasheet HTML 9Page - National Semiconductor (TI) LM1269 Datasheet HTML 10Page - National Semiconductor (TI) LM1269 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Test Circuit
Test Settings
Control
No.
of
Bits
Basic
Test
Setting 1
Basic
Test
Setting 2
Basic
Test
Setting 3
Basic
Test
Setting 4
Basic
Test
Setting 5
Basic
Test
Setting 6
Basic
Test
Setting 7
Basic
Test
Setting 8
Contrast
7
Max
(Hex 7F)
Min
(Hex 00)
Max
(Hex 7F)
Max
(Hex 7F)
50%
(Hex 40)
Max
(Hex 7F)
Max
(Hex 7F)
Max
(Hex 7F)
R, G, B Gain
7
Max
(Hex 7F)
Max
(Hex 7F)
Max
(Hex 7F)
Set Video
Output to
2V
P-P
Max
(Hex 7F)
50%
(Hex 40)
Min
(Hex 00)
Max
(Hex 7F)
Video DC Offset
& OSD Contrast
5
Min
(Hex 18)
Min + 0.5V
(Hex 1D)
Max
(Hex 07)
Min + 0.5V
(Hex 1D)
Min + 0.5V
(Hex 1D)
Min + 0.5V
(Hex 1D)
Min + 0.5V
(Hex 1D)
Min + 0.5V
(Hex 1D)
Timing Diagrams
DS200099-10
Note: 8 pF load includes parasitic capacitance.
DS200099-11
FIGURE 2. Blanking Propagation Delay
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com