Electronic Components Datasheet Search
  English  ▼

X  

LM1269 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1269
Description  110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1269 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1269 Datasheet HTML 1Page - National Semiconductor (TI) LM1269 Datasheet HTML 2Page - National Semiconductor (TI) LM1269 Datasheet HTML 3Page - National Semiconductor (TI) LM1269 Datasheet HTML 4Page - National Semiconductor (TI) LM1269 Datasheet HTML 5Page - National Semiconductor (TI) LM1269 Datasheet HTML 6Page - National Semiconductor (TI) LM1269 Datasheet HTML 7Page - National Semiconductor (TI) LM1269 Datasheet HTML 8Page - National Semiconductor (TI) LM1269 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM1269
110 MHz I
2C Compatible RGB Video Amplifier System
with OSD & DACs
General Description
The LM1269 pre-amp is an integrated CMOS CRT pre-amp.
The IC is I
2C compatible, and allows control of all the pa-
rameters necessary to directly setup and adjust the gain and
contrast in the CRT display. Brightness and bias can be
controlled through the DAC outputs, and is well matched to
the LM2479 and LM2480 integrated bias clamp IC.
The LM1269 pre-amp is designed to work in cooperation
with the LM246X high gain driver family.
Black level clamping of the signal is carried out directly on
the AC coupled input signal into the high impedance pream-
plifier input, thus eliminating the need for additional black
level clamp capacitors.
The IC is packaged in an industry standard 24-lead DIP
molded plastic package.
Features
n
I
2C compatible interface
n
110 MHz bandwidth preamplifier with full video signal
parametric control
n
4 external 8-bit DACs for bus controlled Bias and
Brightness
n
Suitable for use with discrete or integrated clamp, with
software configurable Brightness mixer
n
Power Save (Green) Mode, 80% power reduction
n
Matched to LM246X driver
Applications
n
Low end 14’, 15’, and 17’ bus controlled monitors with
OSD
n
1024 X 768 displays up to 70 Hz requiring OSD
capability
n
Very low cost system with LM246X driver
Block and Connection Diagram
DS200099-1
FIGURE 1. Order Number LM1269NA
See NS Package Number N24D
May 2002
© 2002 National Semiconductor Corporation
DS200099
www.national.com


Similar Part No. - LM1269

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM126 NSC-LM126 Datasheet
452Kb / 8P
VOLTAGE REGULATORS
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262NA NSC-LM1262NA Datasheet
1Mb / 20P
200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Shanghai Leiditech Elec...
LM1265H LEIDITECH-LM1265H Datasheet
1Mb / 6P
Carbonyl Powder
LM1265HP100MG-D LEIDITECH-LM1265HP100MG-D Datasheet
1Mb / 6P
Carbonyl Powder
More results

Similar Description - LM1269

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
110 MHz RGB Video Amplifier System with OSD
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
110 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
ADDtek Corp
AMC8213 ADDTEK-AMC8213 Datasheet
206Kb / 9P
200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
JUNE 2006
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
LM1279A 110 MHz RGB Video Amplifier System with OSD
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
110 MHz RGB Video Amplifier System with OSD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com