Electronic Components Datasheet Search
  English  ▼

X  

LM1269 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1269
Description  110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1269 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM1269 Datasheet HTML 12Page - National Semiconductor (TI) LM1269 Datasheet HTML 13Page - National Semiconductor (TI) LM1269 Datasheet HTML 14Page - National Semiconductor (TI) LM1269 Datasheet HTML 15Page - National Semiconductor (TI) LM1269 Datasheet HTML 16Page - National Semiconductor (TI) LM1269 Datasheet HTML 17Page - National Semiconductor (TI) LM1269 Datasheet HTML 18Page - National Semiconductor (TI) LM1269 Datasheet HTML 19Page - National Semiconductor (TI) LM1269 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DAC Interface Register Definitions
(Continued)
Bit 7
Bit 0
D3–7 D3–6 D3–5 D3–4 D3–3 D3–2 D3–1 D3–0
Bits 7–0: DAC 3. These eight bits determine the output
voltage of DAC 3.
DAC 4 Register (I
2C address 07h)
Register name: DAC 4 (07h)
Bit 7
Bit 0
D4–7 D4–6 D4–5 D4–4 D4–3 D4–2 D4–1 D4–0
Bits 7–0: DAC 4. These eight bits determine the output
voltage of DAC 4.
DC Offset and OSD Contrast Control Register (I
2C ad-
dress 08h)
Register name: DC Offset/OSD Cont. (08h)
Bit 7
Bit 0
RSV
RSV
RSV
OSDC1
OSDC0
DC2
DC1
DC0
Bits 2–0: DC Offset Control. These three bits determine the
active video DC offset to all three channels.
Bits 4–3: OSD Contrast Control. These two bits determine
the contrast level of the OSD information.
Bits 7–5: Reserved.
Global Video Control Register (I
2C address 09h)
Register name: Global Control (09h)
Bit 7
Bit 0
RSV
RSV
0
DCF4
DCF1–3
0
PS
BV
Bit 0:
Blank Video. When this bit is a one, blank the
video output. When this bit is a zero allow normal
video out.
Bit 1:
Power Save. When this bit is a one, shut down
the analog circuits to support sleep mode. When
this bit is a zero enable the analog circuits for
normal operation.
Bit 2:
MUST BE SET TO “0” FOR PROPER OPERA-
TION.
Bit 3:
DAC1–3 Configuration. When this bit is a zero
the DAC outputs of DAC1–3 are full scale
(0V–4.5V). When this bit is 1, the range of
DAC1–3 are halved (0V–2.25V).
Bit 4:
DAC4 Configuration. When this bit is a zero the
DAC4 output is not mixed with the other DAC
outputs. When the bit is one, 50% of the DAC4
output is added to DAC1–3.
Bit 5:
MUST BE SET TO “0” FOR PROPER OPERA-
TION.
Bits 7–6: Reserved.
Increment Mode Register (I
2C address 0Ah)
Register name: Increment Mode (0Ah)
Bit 7
Bit 0
RSV
RSV
RSV
RSV
RSV
RSV
TST
INCR
Bit 0:
Increment Enable. When set to a “0”, the default
value, the increment mode is enabled. This al-
lows the registers to be updated sequentially by
sending another block of data.
Bit 1:
MUST BE SET TO “0” FOR PROPER OPERA-
TION.
Bits 7–2: Reserved.
Software Reset Register (I
2C address 0Fh)
Register name: Software Reset (0Fh)
Bit 7
Bit 0
RSV
RSV
RSV
RSV
RSV
RSV
RSV
SRST
Bit 0:
Software Reset. Setting this bit causes a software
reset. All registers (except this one) are loaded
with their default values. All operations currently
in progress are aborted (except for I
2C transac-
tions). This bit automatically clears itself when the
reset has been completed.
Bits 7–1: Reserved.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com