Electronic Components Datasheet Search
  English  ▼

X  

LM1269 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1269
Description  110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1269 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM1269 Datasheet HTML 8Page - National Semiconductor (TI) LM1269 Datasheet HTML 9Page - National Semiconductor (TI) LM1269 Datasheet HTML 10Page - National Semiconductor (TI) LM1269 Datasheet HTML 11Page - National Semiconductor (TI) LM1269 Datasheet HTML 12Page - National Semiconductor (TI) LM1269 Datasheet HTML 13Page - National Semiconductor (TI) LM1269 Datasheet HTML 14Page - National Semiconductor (TI) LM1269 Datasheet HTML 15Page - National Semiconductor (TI) LM1269 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Functional Description (Continued)
H Flyback: H Flyback is an analog signal input from the
monitor horizontal scan. The “H Blank” section uses this
signal to add horizontal blanking to the output video signal.
This enables the user to blank at the cathodes during hori-
zontal flyback. An optional capacitor and/or resistor to
ground may be needed if noise interferes with the H Flyback
signal.
This feature gives very accurate timing for the horizontal
blanking; however, the flyback signal must be very clean.
There should be no ringing or other noise on the flyback
signal.
R
LIMIT is used to limit the input current into the IC to a typical
value of+1mA during flyback and −100 µA during normal
forward scan. For example if an H flyback with a peak of
100V is used, R
LIMIT = 100 kΩ. The internal input impedance
of pin 24 is low to limit the maximum voltage swing at the
input to within the supply rail and ground. The IC interface
circuit creates a digital signal from this waveform, which is
used as the blanking signal at the “Output Buffer Amp”. This
signal adds blanking to the video output signal.
Figure 5
shows the H flyback waveforms and the location of R
LIMIT.A
56 pF capacitor has been added to the H Flyback pin on the
demo board for filtering noise on the H Flyback signal.
H Blank: Some customers may still prefer to use a standard
logic signal for the horizontal blanking. Pin 24 can be
adapted to accept a logic input. It is necessary for the current
flow into pin 24 to reverse for proper operation. Therefore the
logic signal must be AC coupled into pin 24.
Figure 6 shows
the recommended circuit for a logic signal input. The blank
signal must be a positive pulse.
Power Save Mode: There are two modes of power save:
1.
Blanking the video
2.
Turning off most of the power for maximum power sav-
ings.
In the first mode the video is completely blanked. By setting
bit-0 in register 9 to a 1 the video will be completely blanked.
This gives some power savings since there is no beam
current in the monitor. Maximum power saving is obtained in
the second mode. Bits 0 and 1 in register 9 should be set to
a 1. Bit 1 in register 9 turns off the video output stage of the
DS200099-26
FIGURE 4. ABL
DS200099-27
FIGURE 5. H Flyback Input Pulse
DS200099-28
FIGURE 6. Standard Logic H Blank
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com