Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 40 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 40 Page - Microchip Technology

Back Button CAP1208_15 Datasheet HTML 36Page - Microchip Technology CAP1208_15 Datasheet HTML 37Page - Microchip Technology CAP1208_15 Datasheet HTML 38Page - Microchip Technology CAP1208_15 Datasheet HTML 39Page - Microchip Technology CAP1208_15 Datasheet HTML 40Page - Microchip Technology CAP1208_15 Datasheet HTML 41Page - Microchip Technology CAP1208_15 Datasheet HTML 42Page - Microchip Technology CAP1208_15 Datasheet HTML 43Page - Microchip Technology CAP1208_15 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
CAP1208
DS00001570C-page 40
 2013-2015 Microchip Technology Inc.
• ‘0’ - The base count for the specified sensor input is in the operating range.
• ‘1’ - The base count of the specified sensor input is not in the operating range.
Bit 7 - BC_OUT_8 - Indicates whether CS8 has a base count out of limit.
Bit 6 - BC_OUT_7 - Indicates whether CS7 has a base count out of limit.
Bit 5 - BC_OUT_6 - Indicates whether CS6 has a base count out of limit.
Bit 4 - BC_OUT_5 - Indicates whether CS6 has a base count out of limit.
Bit 3 - BC_OUT_4 - Indicates whether CS6 has a base count out of limit.
Bit 2 - BC_OUT_3 - Indicates whether CS3 has a base count out of limit.
Bit 1 - BC_OUT_2 - Indicates whether CS2 has a base count out of limit.
Bit 0 - BC_OUT_1 - Indicates whether CS1 has a base count out of limit.
5.17
Recalibration Configuration Register
The Recalibration Configuration register controls some recalibration routine settings (see Section 4.4, "Sensor Input
Calibration") as well as advanced controls to program the Sensor Input Threshold register settings.
Bit 7 - BUT_LD_TH - Enables setting all Sensor Input Threshold registers by writing to the Sensor Input 1 Threshold
register.
• ‘0’ - Each Sensor Input X Threshold register is updated individually.
• ‘1’ (default) - Writing the Sensor Input 1 Threshold register will automatically overwrite the Sensor Input Threshold
registers for all sensor inputs (Sensor Input Threshold 1 through Sensor Input Threshold 8). The individual Sensor
Input X Threshold registers (Sensor Input 2 Threshold through Sensor Input 8 Threshold) can be individually
updated at any time.
Bit 6 - NO_CLR_INTD - Controls whether the accumulation of intermediate data is cleared if the noise status bit is set.
• ‘0’ (default) - The accumulation of intermediate data is cleared if the noise status bit is set.
• ‘1’ - The accumulation of intermediate data is not cleared if the noise status bit is set.
APPLICATION NOTE:
Bits 5 and 6 should both be set to the same value. Either both should be set to ‘0’ or both
should be set to ‘1’.
Bit 5 - NO_CLR_NEG - Controls whether the consecutive negative delta counts counter is cleared if the noise status bit
is set.
‘0’ (default) - The consecutive negative delta counts counter is cleared if the noise status bit is set.
‘1’ - The consecutive negative delta counts counter is not cleared if the noise status bit is set.
Bits 4 - 3 - NEG_DELTA_CNT[1:0] - Determines the number of negative delta counts necessary to trigger a digital reca-
libration (see Section 4.4.2, "Negative Delta Count Recalibration"), as shown in Table 5-30.
TABLE 5-29:
RECALIBRATION CONFIGURATION REGISTERS
Addr
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
2Fh
R/W
Recalibration
Configuration
BUT_
LD_TH
NO_CLR
_INTD
NO_CLR
_NEG
NEG_DELTA_
CNT[1:0]
CAL_CFG[2:0]
8Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com