Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 17 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 17 Page - Microchip Technology

Back Button CAP1208_15 Datasheet HTML 13Page - Microchip Technology CAP1208_15 Datasheet HTML 14Page - Microchip Technology CAP1208_15 Datasheet HTML 15Page - Microchip Technology CAP1208_15 Datasheet HTML 16Page - Microchip Technology CAP1208_15 Datasheet HTML 17Page - Microchip Technology CAP1208_15 Datasheet HTML 18Page - Microchip Technology CAP1208_15 Datasheet HTML 19Page - Microchip Technology CAP1208_15 Datasheet HTML 20Page - Microchip Technology CAP1208_15 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
 2013-2015 Microchip Technology Inc.
DS00001570C-page 17
CAP1208
During normal operation there are various options for recalibrating the capacitive touch sensor inputs. Recalibration is
a digital adjustment of the base counts so that the untouched delta count is zero. After a recalibration, if a sensor input’s
base count has shifted +12.5% from the ideal base count, a full calibration will be performed on the sensor input.
4.4.1
AUTOMATIC RECALIBRATION
Each sensor input is regularly recalibrated at a programmable rate(see CAL_CFG[2:0] in Section 5.17, "Recalibration
Configuration Register"). By default, the recalibration routine stores the average 64 previous measurements and peri-
odically updates the base “not touched” setting for the capacitive touch sensor input.
APPLICATION NOTE:
Automatic recalibration only works when the delta count is below the active sensor input
threshold. It is disabled when a touch is detected.
4.4.2
NEGATIVE DELTA COUNT RECALIBRATION
It is possible that the device loses sensitivity to a touch. This may happen as a result of a noisy environment, recalibra-
tion when the pad is touched but delta counts do not exceed the threshold, or other environmental changes. When this
occurs, the base untouched sensor input may generate negative delta count values. The NEG_DELTA_CNT[1:0]
bits(see Section 5.17, "Recalibration Configuration Register") can be set to force a recalibration after a specified number
of consecutive negative delta readings. After a delayed recalibration (see Section 4.4.3, "Delayed Recalibration") the
negative delta count recalibration can correct after the touch is released.
APPLICATION NOTE:
During this recalibration, the device will not respond to touches.
4.4.3
DELAYED RECALIBRATION
It is possible that a “stuck button” occurs when something is placed on a button which causes a touch to be detected
for a long period. By setting the MAX_DUR_EN bit(see Section 5.6, "Configuration Registers"), a recalibration can be
forced when a touch is held on a button for longer than the duration specified in the MAX_DUR[3:0] bits (see Section
5.8, "Sensor Input Configuration Register").
Note 4-1
Delayed recalibration only works when the delta count is above the active sensor input threshold. If
enabled, it is invoked when a sensor pad touch is held longer than the MAX_DUR bit settings.
Note 4-2
For the power button, which requires that the button be held longer than a regular button, the time
specified by the MAX_DUR[3:0] bits is added to the time required to trigger the qualifying event. This
will prevent the power button from being recalibrated during the time it is supposed to be held.
4.5
Power Button
The CAP1208 has a “power button” feature. In general, buttons are set for quick response to a touch, especially when
buttons are used for number keypads. However, there are cases where a quick response is not desired, such as when
accidentally brushing the power button causes a device to turn off or on unexpectedly.
The power button feature allows a sensor input to be designated as the “power button” (see Section 5.25, "Power Button
Register"). The power button is configured so that a touch must be held on the button for a designated period of time
before an interrupt is generated; different times can be selected for the Standby and the Active states (see Section 5.26,
"Power Button Configuration Register"). The feature can also be enabled / disabled for both states separately.
APPLICATION NOTE:
For the power button feature to work in the Standby and/or Active states, the sensor input
must be enabled in the applicable state.
After the designated power button has been held for the designated time, an interrupt is generated and the PWR bit is
set in the General Status Register (see Section 5.2, "Status Registers").
4.6
Multiple Touch Pattern Detection
The multiple touch pattern (MTP) detection circuitry can be used to detect lid closure or other similar events. An event
can be flagged based on either a minimum number of sensor inputs or on specific sensor inputs simultaneously exceed-
ing an MTP threshold or having their Noise Flag Status Register bits set. An interrupt can also be generated. During an
MTP event, all touches are blocked (see Section 5.14, "Multiple Touch Pattern Configuration Register").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com