Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 1 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 1 Page - Microchip Technology

  CAP1208_15 Datasheet HTML 1Page - Microchip Technology CAP1208_15 Datasheet HTML 2Page - Microchip Technology CAP1208_15 Datasheet HTML 3Page - Microchip Technology CAP1208_15 Datasheet HTML 4Page - Microchip Technology CAP1208_15 Datasheet HTML 5Page - Microchip Technology CAP1208_15 Datasheet HTML 6Page - Microchip Technology CAP1208_15 Datasheet HTML 7Page - Microchip Technology CAP1208_15 Datasheet HTML 8Page - Microchip Technology CAP1208_15 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
 2013-2015 Microchip Technology Inc.
DS00001570C-page 1
General Description
The CAP1208 is a multiple channel capacitive touch
sensor controller. It contains eight (8) individual capac-
itive touch sensor inputs with programmable sensitivity
for use in touch sensor applications. Each sensor input
is calibrated to compensate for system parasitic capac-
itance and automatically recalibrated to compensate
for gradual environmental changes.
The CAP1208 includes Multiple Pattern Touch recogni-
tion that allows the user to select a specific set of but-
tons to be touched simultaneously. If this pattern is
detected, a status bit is set and an interrupt is gener-
ated.
The CAP1208 has Active and Standby states, each
with its own sensor input configuration controls. Power
consumption in the Standby state is dependent on the
number of sensor inputs enabled as well as averaging,
sampling time, and cycle time. Deep Sleep is the low-
est power state available, drawing 5μA (typical) of cur-
rent. In this state, no sensor inputs are active, and
communications will wake the device.
Applications
• Desktop and Notebook PCs
• LCD Monitors
• Consumer Electronics
• Appliances
Features
• Eight (8) Capacitive Touch Sensor Inputs
- Programmable sensitivity
- Automatic recalibration
- Calibrates for parasitic capacitance
- Individual thresholds for each button
• Multiple Button Pattern Detection
• Power Button Support
• Press and Hold Feature for Volume-like Applica-
tions
• 3.3V or 5V Supply
• Analog Filtering for System Noise Sources
• RF Detection and Avoidance Filters
• Digital EMI Blocker
• 8kV ESD Rating on All Pins (HBM)
• Low Power Operation
-5μA quiescent current in Deep Sleep
-50μA quiescent current in Standby (1 sensor
input monitored)
- Samples one or more channels in Standby
• SMBus / I2C Compliant Communication Interface
• Available in a 16-pin 3mm x 3mm QFN RoHS
compliant package
• Available in a 14-pin SOIC RoHS compliant pack-
age
CAP1208
8-Channel Capacitive Touch Sensor


Similar Part No. - CAP1208_15

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1208-1-A4-TR MICROCHIP-CAP1208-1-A4-TR Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
More results

Similar Description - CAP1208_15

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
8 Channel Capacitive Touch Sensor with 2 LED Drivers
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
16-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
6 Channel Capacitive Touch Sensor
01/27/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
8-Channel Capacitive Touch Sensor
10/28/13
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
6-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com