Electronic Components Datasheet Search
  English  ▼

X  

CAP1208 Datasheet(PDF) 48 Page - Microchip Technology

Part # CAP1208
Description  8-Channel Capacitive Touch Sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208 Datasheet(HTML) 48 Page - Microchip Technology

Back Button CAP1208_15 Datasheet HTML 44Page - Microchip Technology CAP1208_15 Datasheet HTML 45Page - Microchip Technology CAP1208_15 Datasheet HTML 46Page - Microchip Technology CAP1208_15 Datasheet HTML 47Page - Microchip Technology CAP1208_15 Datasheet HTML 48Page - Microchip Technology CAP1208_15 Datasheet HTML 49Page - Microchip Technology CAP1208_15 Datasheet HTML 50Page - Microchip Technology CAP1208_15 Datasheet HTML 51Page - Microchip Technology CAP1208_15 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
CAP1208
DS00001570C-page 48
 2013-2015 Microchip Technology Inc.
Bit 6 - STBY_PWR_EN - Enables the power button feature in the Standby state.
• ‘0’ (default) - The Standby power button circuitry is disabled.
• ‘1’ - The Standby power button circuitry is enabled.
Bits 5 - 4 - STBY_PWR_TIME[1:0] - Determines the overall time, as shown in Table 5-47, that the power button must
be held in the Standby state, in order for an interrupt to be generated and the PWR bit to be set.
Bit 2 - PWR_EN - Enables the power button feature in the Active state.
• ‘0’ (default) - The power button circuitry is disabled in the Active state.
• ‘1’ -The power button circuitry is enabled in the Active state.
Bits 1 - 0 - PWR_TIME[1:0] - Determines the overall time, as shown in Table 5-47, that the power button must be held
in the Active state, in order for an interrupt to be generated and the PWR bit to be set.
5.27
Sensor Input Calibration Registers
TABLE 5-47:
POWER BUTTON TIME BITS DECODE
PWR_TIME[1:0] / STBY_PWR_TIME[1:0]
Power Button Touch Hold Time
10
0
0
280ms
0
1
560ms
1
0
1.12 sec (default)
1
1
2.24 sec
TABLE 5-48:
SENSOR INPUT CALIBRATION REGISTERS
Addr
Register
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Default
B1h
Sensor Input 1
Calibration
R
CAL1_9
CAL1_8
CAL1_7
CAL1_6
CAL1_5
CAL1_4
CAL1_3
CAL1_2
00h
B2h
Sensor Input 2
Calibration
R
CAL2_9
CAL2_8
CAL2_7
CAL2_6
CAL2_5
CAL2_4
CAL2_3
CAL2_2
00h
B3h
Sensor Input 3
Calibration
R
CAL3_9
CAL3_8
CAL3_7
CAL3_6
CAL3_5
CAL3_4
CAL3_3
CAL3_2
00h
B4h
Sensor Input 4
Calibration
R
CAL4_9
CAL4_8
CAL4_7
CAL4_6
CAL4_5
CAL4_4
CAL4_3
CAL4_2
00h
B5h
Sensor Input 5
Calibration
R
CAL5_9
CAL5_8
CAL5_7
CAL5_6
CAL5_5
CAL5_4
CAL5_3
CAL5_2
00h
B6h
Sensor Input 6
Calibration
R
CAL6_9
CAL6_8
CAL6_7
CAL6_6
CAL6_5
CAL6_4
CAL6_3
CAL6_2
00h
B7h
Sensor Input 7
Calibration
R
CAL7_9
CAL7_8
CAL7_7
CAL7_6
CAL7_5
CAL7_4
CAL7_3
CAL7_2
00h
B8h
Sensor Input 8
Calibration
R
CAL8_9
CAL8_8
CAL8_7
CAL8_6
CAL8_5
CAL8_4
CAL8_3
CAL8_2
00h
B9h
Sensor Input
Calibration LSB 1
R
CAL4_1
CAL4_0
CAL3_1
CAL3_0
CAL2_1
CAL2_0
CAL1_1
CAL1_0
00h
BAh
Sensor Input
Calibration LSB 2
R
CAL8_1
CAL8_0
CAL7_1
CAL7_0
CAL6_1
CAL6_0
CAL5_1
CAL5_0
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com