Electronic Components Datasheet Search
  English  ▼

X  

TF09 Datasheet(PDF) 6 Page - Hirose Electric

Part # TF09
Description  0.5mmPitch, 2.0mm Height, Single contact, Non ZIP type FFC FPC Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TF09 Datasheet(HTML) 6 Page - Hirose Electric

  TF09 Datasheet HTML 1Page - Hirose Electric TF09 Datasheet HTML 2Page - Hirose Electric TF09 Datasheet HTML 3Page - Hirose Electric TF09 Datasheet HTML 4Page - Hirose Electric TF09 Datasheet HTML 5Page - Hirose Electric TF09 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
■ Reflow Profile
Using Lead-free Solder Paste
300
250
200
150
100
50
0
50
100
150
200
250
300
Recommended Application Conditions
Reflow System: IR reflow
Solder: Cream type Sn / 3 Ag / 0.5 Cu
Flux content 11%wt
Metal mask thickness: 0.15mm
Preheating time: 150℃~190℃, 90±30seconds
A'=150℃~170℃ , B'=170℃~190℃
Soldering time: 260℃ Max
220℃ Min, 30~60 seconds
Time (Seconds)
250℃ Max
220℃
Preheating time
Soldering time
A'
B'
HIROSE KOREA
Page6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com