Electronic Components Datasheet Search
  English  ▼

X  

TF09 Datasheet(PDF) 1 Page - Hirose Electric

Part # TF09
Description  0.5mmPitch, 2.0mm Height, Single contact, Non ZIP type FFC FPC Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TF09 Datasheet(HTML) 1 Page - Hirose Electric

  TF09 Datasheet HTML 1Page - Hirose Electric TF09 Datasheet HTML 2Page - Hirose Electric TF09 Datasheet HTML 3Page - Hirose Electric TF09 Datasheet HTML 4Page - Hirose Electric TF09 Datasheet HTML 5Page - Hirose Electric TF09 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IC 기술팀
TF09-Series
목
목
목
목 차
차
차
차
1. 제품 특징 ------------------------------------------page 1
2. 제품 규격 및 구성 -----------------------------page 1
3. 제품 상세 내용 ----------------------------------page 2~3
4.Reflow profile (Lead-free)---------------------------page 6
1
관련 page
No.
2~3
TF09-6S-0.5SH
제 품 명
사양
0.5 Pitch ,2mm 높이 ,FFC 사양
Pin 수
16
Hirose Korea TCP/FFC Connector
HIROSE KOREA
Page1


Similar Part No. - TF09

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TF003200AV-SW TRANSKO-TF003200AV-SW Datasheet
1Mb / 4P
32MHz IF SAW Filter
Rev. 0: Feb. 2023
logo
TAI-SAW TECHNOLOGY CO.,...
TF0035A TAI-SAW-TF0035A Datasheet
1Mb / 8P
CDMA800 SAW Duplexer
TF0036A TAI-SAW-TF0036A Datasheet
1Mb / 8P
CDMA800 SAW Duplexer
TF0049A TAI-SAW-TF0049A Datasheet
923Kb / 8P
902.5/947.5MHz SAW Duplexer
logo
Allen-Bradley
TF006 ALLEN-BRADLEY-TF006 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results

Similar Description - TF09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL-S-2S-S2C2 ETC1-IL-S-2S-S2C2 Datasheet
604Kb / 3P
2.0mm (.079) Contact Spocing, PCB-to-Cable (Crimp Type) Connectors
logo
AVX Corporation
08-6260-033-340-829 AVX-08-6260-033-340-829 Datasheet
231Kb / 2P
0.5mmPitch RA SMT Bottom contact Slide lock
086212010340800 AVX-086212010340800 Datasheet
244Kb / 2P
0.5mmPitch RA SMT Top contact Slide lock
245602060000829H AVX-245602060000829H Datasheet
256Kb / 2P
0.5mmPitch RA SMT Top contact Slide lock
logo
List of Unclassifed Man...
12FLZ-RSM1-TB ETC2-12FLZ-RSM1-TB Datasheet
133Kb / 5P
Connectors for FFC and FPC
logo
Hirose Electric
KP17 HIROSE-KP17 Datasheet
463Kb / 8P
2.0mmPitch, 4.3mm height, Single contact, Non ZIP Type, Card(=PCB) Edge Connectors
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
logo
EXCEL CELL ELECTRONIC C...
EBW14 ECE-EBW14 Datasheet
212Kb / 4P
2.0mm Contact Spacing, Board to Wire Dip Connectors
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
1 mm Contact Spacing, ZIF Type Board To FPC Connectors
EFC-PT24-SD ECE-EFC-PT24-SD Datasheet
210Kb / 5P
0.5mm Contact Spacing, ZIF Type Board To FPC Connectors Slide SMT Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com