Electronic Components Datasheet Search
  English  ▼

X  

TF09 Datasheet(PDF) 3 Page - Hirose Electric

Part # TF09
Description  0.5mmPitch, 2.0mm Height, Single contact, Non ZIP type FFC FPC Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TF09 Datasheet(HTML) 3 Page - Hirose Electric

  TF09 Datasheet HTML 1Page - Hirose Electric TF09 Datasheet HTML 2Page - Hirose Electric TF09 Datasheet HTML 3Page - Hirose Electric TF09 Datasheet HTML 4Page - Hirose Electric TF09 Datasheet HTML 5Page - Hirose Electric TF09 Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■
■
■
■ 제품
제품
제품
제품 규격
규격
규격
규격
■
■
■
■ 부품별
부품별
부품별
부품별 적용
적용
적용
적용 원재료
원재료
원재료
원재료
※ Reflow최대 온도 250℃를 만족시킴으로 Lead-free Soldering의 요구조건에 적합한 제품임.
※ RoHS지침 및 유해 물질 관리 기준에 적합한 제품임.
7.Resistance to
Soldering heat
Reflow : 150~200℃ 60~180Sec ,
217℃ 60~150sec, Peak 255 ± 5℃ ,
Peak 5℃
No deformation of
components affecting performance.
METAL FITTING
Phosphor Bronze
Sn over Ni plating
-
SIGNAL CONTACT
Phosphor Bronze
Gold plating over Ni
Rating
Voltage 50V
- 55 ℃ ∼ + 85 ℃
- 10 ℃ ∼ + 50 ℃
Ni Barrier
CASE
LCP
NATURAL
UL94V-0
Part
Part
Part
Part
Material
Material
Material
Material
Finish
Finish
Finish
Finish
Remarks
Remarks
Remarks
Remarks
6.Moisture Resistance
Contact Resistance : 100m
Max
Insulation Resistance : 500M
Min
Duration : 96Hr
4.FFC Retention Force
Ver:1.2kgf MIN/Hor:1.8kgf MIN
Measure at 0.3±0.03mm FFC
Contact Resistance : 100m
Max
Temperature : 40±2℃
Relative Humidity : 90∼95%
5.Mechanical operation
20 Time insertions and extractions.
Current 0.5A
Operating temperature range
Storage temperature range
3.Contact Resistance
100m
Max
Measured at 1mA(or 1,000㎐)
2.Withstand voltage
Neither shot or insulation beakdown
150V AC for 1 minute
Measureed at 100V DC
Item
Specification
Conditions
1.Insulation Resistance
500MΩ Min
**
**
**
**
HIROSE KOREA
Page3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com