Electronic Components Datasheet Search
  English  ▼

X  

LM1296 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1296
Description  Raster Geometry Correction System for Multi-Frequency Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1296 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1296 Datasheet HTML 1Page - National Semiconductor (TI) LM1296 Datasheet HTML 2Page - National Semiconductor (TI) LM1296 Datasheet HTML 3Page - National Semiconductor (TI) LM1296 Datasheet HTML 4Page - National Semiconductor (TI) LM1296 Datasheet HTML 5Page - National Semiconductor (TI) LM1296 Datasheet HTML 6Page - National Semiconductor (TI) LM1296 Datasheet HTML 7Page - National Semiconductor (TI) LM1296 Datasheet HTML 8Page - National Semiconductor (TI) LM1296 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Continued)
See Test Circuit (
Figure 2), V
CC = 12V; V2 = 4V; V16 = 4V; VRDCV = 0V (Note 6); TA = 25˚C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 8)
(Note 7)
(Note 8)
V
CNR
Corner Correction
V
2 = 4V, V9 = 0V
1.1
V
PP
Output Waveform Amplitude
V
2 = 4V, V9 = 4V
0.8
(Pin 11, R
L11 = 5kΩ)
Trapezoid and Pincushion
Corrections are Null
V
DC11
E-W OUT
Trapezoid, Pincushion, and
4.1
V
Output Offset Voltage
Corner Correction Waveforms
(Pin 11, R
L11 = 5kΩ)
are Null
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may de-
grade when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any elevated temperature is PD = (TJMAX –TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower. For
this device, TJMAX = 150˚C. The typical thermal resistance (θJA) of the LM1296 is 81˚C/W.
Note 5: Human Body model, 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Note 6: Adjust V1 until VRDCV = 0V, where VRDCV = V13 −VDC15.
Note 7: Typical specifications are specified at TA = 25˚C and represent most likely parametric norm.
Note 8: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: Amplitude stability versus ambient temperature is defined by |V70 −V25|/V25 x 100%, where V70 and V25 are the output sawtooth peak-to-peak amplitudes
at 70˚C and 25˚C respectively.
Test Circuit
Typical Performance Characteristics
T
A = 25˚C, fv = 60 Hz, V2 = 4V, V16 = 4V, VRDCV = 0V, V8,9,10 = Set for null correction waveforms, unless otherwise specified
DS012894-2
FIGURE 2.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com