Electronic Components Datasheet Search
  English  ▼

X  

LM1296 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1296
Description  Raster Geometry Correction System for Multi-Frequency Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1296 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1296 Datasheet HTML 1Page - National Semiconductor (TI) LM1296 Datasheet HTML 2Page - National Semiconductor (TI) LM1296 Datasheet HTML 3Page - National Semiconductor (TI) LM1296 Datasheet HTML 4Page - National Semiconductor (TI) LM1296 Datasheet HTML 5Page - National Semiconductor (TI) LM1296 Datasheet HTML 6Page - National Semiconductor (TI) LM1296 Datasheet HTML 7Page - National Semiconductor (TI) LM1296 Datasheet HTML 8Page - National Semiconductor (TI) LM1296 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Notes 3, 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
15V
Input Voltage (V
IN)
Pins 1, 2, 8, 9, 10, 16
0V
≤ V
IN ≤ 5V
Power Dissipation (P
D)
Above 25˚C, Derate
Based on
θ
JA and TJ (Note 4)
1.5W
Thermal Resistance (
θ
JA)
81˚C/W
Junction Temperature (T
JMAX)
150˚C
ESD Susceptibility (Note 5)
2 kV
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering 10 sec.)
265˚C
Operating Ratings(Note 2)
Supply Voltage (V
CC)
10.8V
≤ V
CC ≤ 13.2V
Input Voltage (V
IN)
Pins 1, 2, 8, 9, 10, 16
0V
≤ V
IN ≤ 4V
Output Current (I
OUT)
Pins 11, 13, 15
−2 mA
≤ I
OUT ≤ 2mA
Temperature Range (T
A)
0˚C to +70˚C
Electrical Characteristics
See Test Circuit (
Figure 2), V
CC = 12V; V2 = 4V; V16 = 4V; VRDCV = 0V (Note 6); TA = 25˚C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 8)
(Note 7)
(Note 8)
I
CC
Supply Current
Pins 11, 13, 15 Loaded, 2mA
26
32
mA
V SYNC
Vertical Sync Input Sensitivity (Pin 7)
1% or 99% Duty Cycle
Rectangular Waveform
1
V
PP
AC-Coupled to Pin 7
Through 0.01 µF Cap.
f
MIN
Minimum Lock Frequency
C
OSC = 0.15 µF
50
Hz
f
MAX
Maximum Lock Frequency
C
OSC = 0.15 µF
165
Hz
f
FR
Free Run Frequency
V
7 = 4V or 0V
40
Hz
R
IN1
Input Resistance (Pin 1)
25
k
Ω
R
IN2
Input Resistance (Pin 2)
V
2 = 1V
12
k
Ω
R
IN3
Input Resistance (Pins 8, 9, 10)
50
k
Ω
R
IN4
Input Resistance (Pin 16)
50
k
Ω
V
O15
SAWTOOTH OUT (Pin 15)
V
2 = 4V, V16 = 0V
1.8
Output Amplitude (R
L15 = 5kΩ)V2 = 4V, V16 = 4V
3.1
V
PP
V
2 = 0V, V16 = 0V
1
V
2 = 0V, V16 = 4V
1.7
V
DC15
SAWTOOTH OUT (Pin 15)
V
2 = 0V to 4V, V16 = 0V to 4V
3.9
V
Output DC Voltage (R
L15 = 5kΩ)
k
TEMP
SAWTOOTH OUT (Pin 15)
(Note 9)
1.5
%
Temperature Stability
k
S
S-Correction of Sawtooth Output (Pin 15)
V
2 = 4V, V16 = 4V
0.5
%
V
2 = 4V, V16 = 0V
2
V
RDCV
Relative DC Voltage between
V
1 = 4V
−200
mV
DC OUT (Pin 13) and
V
1 = 1.5V
200
SAWTOOTH OUT (Pin 15)
V
RDCV = V13 −VDC15
(R
L13 = 5kΩ)
V
TRAP
Trapezoid Correction
V
2 = 4V, V8 = 0V
0.87
V
PP
Output Waveform Amplitude
V
2 = 4V, V8 = 4V
0.73
(Pin 11, R
L11 = 5kΩ)
Pincushion and Corner
Corrections are Null
V
PIN
Pincushion Correction
V
2 = 4V, V10 = 0V
1.9
V
PP
Output Waveform Amplitude
V
2 = 4V, V10 = 4V
1.45
(Pin 11, R
L11 = 5kΩ)
Trapezoid and Corner
Corrections are Null
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com