Electronic Components Datasheet Search
  English  ▼

X  

LM1296 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1296
Description  Raster Geometry Correction System for Multi-Frequency Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1296 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1296 Datasheet HTML 1Page - National Semiconductor (TI) LM1296 Datasheet HTML 2Page - National Semiconductor (TI) LM1296 Datasheet HTML 3Page - National Semiconductor (TI) LM1296 Datasheet HTML 4Page - National Semiconductor (TI) LM1296 Datasheet HTML 5Page - National Semiconductor (TI) LM1296 Datasheet HTML 6Page - National Semiconductor (TI) LM1296 Datasheet HTML 7Page - National Semiconductor (TI) LM1296 Datasheet HTML 8Page - National Semiconductor (TI) LM1296 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM1296
Raster Geometry Correction System for Multi-Frequency
Displays
General Description
The LM1296 is a monolithic IC for use in the raster scanning
circuitry of a multi-frequency CRT monitor. The IC provides
an S-corrected sawtooth waveform and a variable DC output
voltage. These two outputs drive the vertical deflection am-
plifier. It also provides another waveform for East-West ge-
ometry correction which includes pincushion, corner, and
trapezoid controls. The geometry correction is controlled by
DC input voltages from 0V to 4V.
The raster height and the raster vertical position can be con-
trolled by two DC voltage input pins that adjust the sawtooth
waveform amplitude and the variable DC output voltage. The
East-West correction of the LM1296 has height tracking and
vertical position tracking capabilities. As the height or posi-
tion of the raster is adjusted the geometry correction is main-
tained by the chip automatically.
The LM1296 is packaged in a 16-pin plastic DIP package.
Features
n
Vertical scanning frequency 50 Hz–165 Hz
n
Accepts either polarity of V sync
n
DC-controlled correction terms
n
Raster vertical position control
n
Vertical S-correction (linearity) control
n
East-West pincushion control
n
East-West trapezoid control
n
East-West corner control
n
Provides both polarities of correction output
n
East-West correction tracks raster vertical position and
height
n
Compatible with LM1290 and LM1292 horizontal PLL
Applications
n
Vertical deflection of monitors
Connection Diagram
DS012894-1
FIGURE 1.
Order Number LM1296N
See NS Package Number N16A
February 1998
© 1998 National Semiconductor Corporation
DS012894
www.national.com


Similar Part No. - LM1296

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
Precision Reference
logo
Linear Technology
LM129 LINER-LM129 Datasheet
179Kb / 4P
6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
125Kb / 4P
6.9V Precision Voltage Reference
LM129 LINER-LM129 Datasheet
166Kb / 8P
6.9V Precision Voltage Reference
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
Autosync Horizontal Deflection Processor
More results

Similar Description - LM1296

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1295 NSC-LM1295 Datasheet
253Kb / 11P
DC Controlled Geometry Correction System for Continuous Sync Monitors
logo
NXP Semiconductors
SAA2022 PHILIPS-SAA2022 Datasheet
208Kb / 52P
Tape formatting and error correction for the DCC system
February 1994
logo
Sanyo Semicon Device
LC75741E SANYO-LC75741E Datasheet
198Kb / 10P
1/2 Duty Driver for Frequency Displays
LC89513K SANYO-LC89513K Datasheet
108Kb / 4P
CD-ROM Error Correction LSI for Integrated Host CPU System
LC89978M SANYO-LC89978M Datasheet
98Kb / 7P
CCD Delay Line for Multi-System
logo
Sony Corporation
CXL1510M SONY-CXL1510M Datasheet
127Kb / 14P
CCD Delay Line for Multi System
logo
Integrated Circuit Syst...
ICS9248-150 ICST-ICS9248-150 Datasheet
153Kb / 10P
Frequency Generator for Multi - Processor Servers
Rev B 06/12/01
logo
Yellow Stone Corp
BS-AB4EGRD YSTONE-BS-AB4EGRD Datasheet
120Kb / 1P
MULTI-COLOR LED DISPLAYS
logo
Renesas Technology Corp
M61201SP RENESAS-M61201SP Datasheet
428Kb / 14P
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61202SP RENESAS-M61202SP Datasheet
6Mb / 15P
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com