Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 64Page - Texas Instruments TUSB7320 Datasheet HTML 65Page - Texas Instruments TUSB7320 Datasheet HTML 66Page - Texas Instruments TUSB7320 Datasheet HTML 67Page - Texas Instruments TUSB7320 Datasheet HTML 68Page - Texas Instruments TUSB7320 Datasheet HTML 69Page - Texas Instruments TUSB7320 Datasheet HTML 70Page - Texas Instruments TUSB7320 Datasheet HTML 71Page - Texas Instruments TUSB7320 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
7.5.2.13 Device Serial Number Register
This read-only register identifies the Device Serial Number for the TUSB73x0. The Device Serial Number is in
the format of an IEEE defined 64-bit extended unique identifier (EUI-64). The EUI-64 consists of TI’s 24-bit
company ID (called an OUI-24) plus a 40 bit extension identifier. TI’s OUI-24 is 080028h and is hardwired into
bits 63:40 of the Device Serial Number Register. The TUSB73x0 has been assigned the range of 00 0000 0000h
to 00 0FFF FFFFh for the 40-bit extension identifier. As such, bits 39:32 of the Device Serial Number Register
are hardwired to 00h, and bits 31:0 of the Device Serial Number Register are defined by a value unique for each
device.
PCI Express Extended Register Offset: 154h
Register type: Read-Only
Default value: 0800 2800 XXXX XXXX h
Table 129. Device Serial Number Register
Bit
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
No.
Reset
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
State
Bit
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
No.
Reset
0
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
State
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
State
Table 130. Bit Descriptions - Device Serial Number Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Serial Number – Upper DW. The upper DW of the Serial Number is
63:32
SERIAL_NUM_UPPER
r
hardwired to 0800 2800h.
Serial Number – Lower DW. The lower DW of the Serial Number is
31:0
SERIAL_NUM_LOWER
r
unique for each device.
7.5.3 xHCI Memory Mapped Register Space
7.5.3.1 The xHCI Register Map
The TUSB73X0 includes xHCI registers in memory mapped register space. These registers are accessible
through the address programmed into the Base Address Register 0/1.
Table 131. xHCI Register Map
REGISTER NAME
OFFSET
Host Controller Capability Registers
000h-01Fh
Host Controller Operational Registers
020h-49Fh
Runtime Registers
4A0h-5BFh
Doorbell Registers
5C0h-6C3h
Reserved
6C4-9BFh
68
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com