Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 86Page - Texas Instruments TUSB7320 Datasheet HTML 87Page - Texas Instruments TUSB7320 Datasheet HTML 88Page - Texas Instruments TUSB7320 Datasheet HTML 89Page - Texas Instruments TUSB7320 Datasheet HTML 90Page - Texas Instruments TUSB7320 Datasheet HTML 91Page - Texas Instruments TUSB7320 Datasheet HTML 92Page - Texas Instruments TUSB7320 Datasheet HTML 93Page - Texas Instruments TUSB7320 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
7.5.3.6.5
xHCI Supported Protocol Port Register (USB 2.0)
This register indicates how many USB 2.0 ports are supported and what their port numbers are.
xHCI Extended Capabilities Base register offset: 18h
Register type: Read-Only
Default value: 0001 0X01h
Table 192. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 18h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
x
x
0
0
0
0
0
0
0
0
1
State
Table 193. xHCI Supported Protocol Capability Register (USB 2.0) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:19
RSVD
r
Reserved. Returns zeros when read.
Integrated Hub Implemented. This field is 0 to indicate that the root hub
18
IHI
r
to external port mapping adheres to the default mapping in the xHCI
Specification.
High-speed Only. This field is 0 to indicate that the USB 2.0 ports are
17
HSO
r
Low-, Full-, and High-speed capable.
L1 Capability. This field is 1 to indicate that the TUSB73X0 supports the
16
L1C
r
USB 2.0 Link Power Management L1 state.
Compatible Port Count. For the TUSB7340 , this field is 04h to indicate
15:8
COMPATIBLE_PORT_CNT
r
that four USB 2.0 ports are supported. For the TUSB7320, this field is
02h to indicate that two USB 2.0 ports are supported.
Compatible Port Offset. This field is 01h to indicate that the first USB 2.0
7:0
COMPATIBLE_PORT_OFF
r
port is port 1.
90
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com