Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 83Page - Texas Instruments TUSB7320 Datasheet HTML 84Page - Texas Instruments TUSB7320 Datasheet HTML 85Page - Texas Instruments TUSB7320 Datasheet HTML 86Page - Texas Instruments TUSB7320 Datasheet HTML 87Page - Texas Instruments TUSB7320 Datasheet HTML 88Page - Texas Instruments TUSB7320 Datasheet HTML 89Page - Texas Instruments TUSB7320 Datasheet HTML 90Page - Texas Instruments TUSB7320 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.3.5 Host Controller Doorbell Registers
The TUSB73X0 supports an array of 65 Doorbell Registers, one for the host controller plus one for each Device
Slot supported. The address of the first Doorbell Register is the address programmed into the Base Address
Register 0 plus the value programmed into the Doorbell Offset.
Doorbell Base register offset: 00h + (04h × Device Slot), where Device Slot = 0 through 64
Register type: Read-Only, Read/Write
Default value: 0000 0000h
Table 182. HC Doorbell Register (Doorbell Base + (04h × Device Slot)), where Device Slot = 0 through 64
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 183. Interrupter Management Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:16
DB_STREAM_ID
rw
Doorbell Stream ID. This field returns zeros when read.
15:8
RSVD
r
Reserved. Returns zeros when read.
7:0
DB_TARGET
rw
Doorbell Target. This field returns zeros when read.
7.5.3.6 xHCI Extended Capabilities Registers
These registers are used for the xHCI Extended Capabilities in the TUSB73X0. The offset in Table 184 is from
the xHCI Extended Capabilities Base, which is the address programmed into the Base Address Register 0 plus
the value programmed into the xHCI Extended Capabilities Pointer field in the Host Controller Capability
Parameters.
Table 184. xHCI Extended Capabilities Register Map
REGISTER NAME
OFFSET
Legacy Support Capability
00h-07h
Reserved
08h-0Fh
xHCI Supported Protocol Capability (USB 2.0)
10h-1Bh
Reserved
1Ch-1Fh
xHCI Supported Protocol Capability (USB 3.0)
20h-2Bh
7.5.3.6.1
USB Legacy Support Capability Register
This register is used to coordinate the ownership of the host controller between BIOS and the operating system.
xHCI Extended Capabilities Base register offset: 00h
Register type: Read-Only, Read/Write
Default value: 0000 0201h
Table 185. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 00h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
87
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com