Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB7320 Datasheet HTML 1Page - Texas Instruments TUSB7320 Datasheet HTML 2Page - Texas Instruments TUSB7320 Datasheet HTML 3Page - Texas Instruments TUSB7320 Datasheet HTML 4Page - Texas Instruments TUSB7320 Datasheet HTML 5Page - Texas Instruments TUSB7320 Datasheet HTML 6Page - Texas Instruments TUSB7320 Datasheet HTML 7Page - Texas Instruments TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
PC
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
TUSB7340
PCIe Gen2
To
USB 3.0
Host Controller
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
TUSB73x0 USB 3.0 xHCI Host Controller
1 Features
2 Applications
1
•
USB 3.0-Compliant xHCI Host Controller
•
Notebooks
•
Desktop Computers
–
PCIe x1 Gen2 Interface
•
Workstations
–
Four Downstream Ports
•
Servers
•
Two or Four Downstream Ports
•
Add-In Cards and ExpressCard Implementations
•
Each Downstream Port
•
PCI Express-Based Embedded Host Controllers
–
May Be Independently Enabled or Disabled
for HDTVs, Set-Top Boxes and Gaming Console
–
Has Adjustments for Transmit Swing, De-
Applications
Emphasis, and Equalization Settings
–
May Be Marked as Removable or
3 Description
Nonremovable
The TUSB7320 supports up to two downstream ports.
–
Has Independent Power Control and
The TUSB7340 is a USB 3.0-compliant xHCI host
Overcurrent Detection
controller that supports up to four downstream ports.
•
Requires No External Flash for Default
Both parts are available in a pin-compatible 100-pin
RKM package. For the remainder of this document,
Configuration
the name TUSB73x0 is used to reference both the
–
Optional Serial EEPROM for Custom
TUSB7320 and the TUSB7340.
Configuration
The TUSB73x0 interfaces to the host system through
•
Internal Spread Spectrum Generation
a PCIe x1 Gen 2 interface and provides SuperSpeed,
–
Low-Cost Crystal or Oscillator Support
high-speed, full-speed, or low-speed connections on
•
Best-In-Class Adaptive Receiver Equalizer Design
the downstream USB ports.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB7320
WQFN-MR (100)
9.00 mm × 9.00 mm
TUSB7340
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB7320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB7320 TI1-TUSB7320 Datasheet
1Mb / 115P
USB 3.0 xHCI HOST CONTROLLER
TUSB7320 TI2-TUSB7320 Datasheet
3Mb / 122P
TUSB73x0 USB 3.0 xHCI Host Controller
REVISED MARCH 2024
TUSB7320IRKMR TI1-TUSB7320IRKMR Datasheet
1Mb / 115P
USB 3.0 xHCI HOST CONTROLLER
TUSB7320IRKMR TI2-TUSB7320IRKMR Datasheet
3Mb / 122P
TUSB73x0 USB 3.0 xHCI Host Controller
REVISED MARCH 2024
TUSB7320IRKMR.A TI2-TUSB7320IRKMR.A Datasheet
3Mb / 122P
TUSB73x0 USB 3.0 xHCI Host Controller
REVISED MARCH 2024
More results

Similar Description - TUSB7320

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
Embedded USB Host/Slave Controller
logo
OKI electronic componet...
ML60841 OKI-ML60841 Datasheet
606Kb / 74P
USB Host Device controller LSI
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
Embedded USB Host/Slave Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
Embedded USB Host/Slave Controller
logo
Texas Instruments
TUSB7320 TI1-TUSB7320 Datasheet
1Mb / 115P
USB 3.0 xHCI HOST CONTROLLER
logo
Renesas Technology Corp
UPD720101GJ-UEN-A RENESAS-UPD720101GJ-UEN-A Datasheet
463Kb / 38P
USB 2.0 HOST CONTROLLER
logo
Prolific Technology Inc...
PL-25A1 PROLIFIC-PL-25A1 Datasheet
237Kb / 1P
Hi-Speed USB Host to Host Bridge Controller
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
SuperSpeed USB 3.0 Host-to-Host Bridge Controller
logo
List of Unclassifed Man...
EJ168A ETC-EJ168A Datasheet
1Mb / 11P
USB 3.0 Host Controller
Revision 1.4 Nov 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com